Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2622MMX-ADJ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2622MMX-ADJ
Description  600kHz/1.3MHz Step-up PWM DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2622MMX-ADJ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2622MMX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM2622MMX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM2622MMX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM2622MMX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2622MMX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2622MMX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2622MMX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2622MMX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2622MMX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
12V
SW Voltage
18V
FB Voltage
7V
V
C Voltage
7V
SHDN Voltage
7V
FSLCT
12V
Maximum Junction
Temperature
150˚C
Power Dissipation(Note 2)
Internally Limited
Lead Temperature
300˚C
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
ESD Susceptibility
(Note 3)
Human Body Model
2kV
Machine Model
200V
Operating Conditions
Operating Junction
Temperature Range (Note 4)
−40˚C to +125˚C
Storage Temperature
−65˚C to +150˚C
Supply Voltage
2V to 12V
Electrical Characteristics
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C)Unless otherwise specified. VIN =2.0V and IL = 0A, unless otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
I
Q
Quiescent Current
FB = 0V (Not Switching)
1.3
2.0
mA
V
SHDN =0V
5
10
µA
V
FB
Feedback Voltage
1.2285
1.26
1.2915
V
I
CL(Note 6)
Switch Current Limit
V
IN = 2.7V (Note 7)
1.0
1.65
2.3
A
∆V
O/
∆I
LOAD
Load Regulation
V
IN = 3.3V
6.7
mV/A
%V
FB/
∆V
IN
Feedback Voltage Line
Regulation
2.0V
≤ V
IN
≤ 12.0V
0.013
0.1
%/V
I
B
FB Pin Bias Current (Note 8)
0.5
20
nA
V
IN
Input Voltage Range
212
V
g
m
Error Amp Transconductance
∆I = 5µA
40
135
290
µmho
A
V
Error Amp Voltage Gain
135
V/V
D
MAX
Maximum Duty Cycle
78
85
%
f
S
Switching Frequency
FSLCT = Ground
480
600
720
kHz
FSLCT = V
IN
1
1.25
1.5
MHz
I
SHDN
Shutdown Pin Current
V
SHDN =VIN
0.01
0.1
µA
V
SHDN =0V
−0.5
-1
I
L
Switch Leakage Current
V
SW = 18V
0.01
3
µA
R
DSON
Switch R
DSON
V
IN = 2.7V, ISW = 1A
0.2
0.4
Th
SHDN
SHDN Threshold
Output High
0.9
0.6
V
Output Low
0.6
0.3
V
UVP
On Threshold
1.8
1.92
2.0
V
Off Threshold
1.7
1.82
1.9
V
θ
JA
Thermal Resistance
Junction to Ambient(Note 9)
235
˚C/W
Junction to Ambient(Note 10)
225
Junction to Ambient(Note 11)
220
Junction to Ambient(Note 12)
200
Junction to Ambient(Note 13)
195
Note 1: Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is intended to
be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA,
and the ambient temperature, TA. See the Electrical Characteristics table for the thermal resistance of various layouts. The maximum allowable power dissipation
at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) −TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin.
www.national.com
4


Similar Part No. - LM2622MMX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2622MMX-ADJ NSC-LM2622MMX-ADJ Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2622MMX-ADJ/NOPB TI-LM2622MMX-ADJ/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
More results

Similar Description - LM2622MMX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
logo
Texas Instruments
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com