Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2700 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2700
Description  600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2700 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2700 Datasheet HTML 1Page - National Semiconductor (TI) LM2700 Datasheet HTML 2Page - National Semiconductor (TI) LM2700 Datasheet HTML 3Page - National Semiconductor (TI) LM2700 Datasheet HTML 4Page - National Semiconductor (TI) LM2700 Datasheet HTML 5Page - National Semiconductor (TI) LM2700 Datasheet HTML 6Page - National Semiconductor (TI) LM2700 Datasheet HTML 7Page - National Semiconductor (TI) LM2700 Datasheet HTML 8Page - National Semiconductor (TI) LM2700 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Connection Diagram
Top View
20012304
14-Lead TSSOP or LLP
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM2700MT-ADJ
TSSOP-14
MTC14
94 Units, Rail
LM2700MTX-ADJ
TSSOP-14
MTC14
2500 Units, Tape and Reel
LM2700LD-ADJ
LLP-14
LDA14A
1000 Units, Tape and Reel
LM2700LDX-ADJ
LLP-14
LDA14A
4500 Units, Tape and Reel
Pin Description
Pin
Name
Function
1V
C
Compensation network connection. Connected to the output of the voltage error amplifier.
2
FB
Output voltage feedback input.
3
SHDN
Shutdown control input, active low.
4
AGND
Analog ground.
5
PGND
Power ground. PGND pins must be connected together directly at the part.
6
PGND
Power ground. PGND pins must be connected together directly at the part.
7
PGND
Power ground. PGND pins must be connected together directly at the part.
8
SW
Power switch input. Switch connected between SW pins and PGND pins.
9
SW
Power switch input. Switch connected between SW pins and PGND pins.
10
SW
Power switch input. Switch connected between SW pins and PGND pins.
11
NC
Pin not connected internally.
12
V
IN
Analog power input.
13
FSLCT
Switching frequency select input. V
IN = 1.25MHz. Ground = 600kHz.
14
NC
Connect to ground.
www.national.com
2


Similar Part No. - LM2700

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700 TI1-LM2700 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700LD-ADJ NSC-LM2700LD-ADJ Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700LD-ADJ/NOPB TI-LM2700LD-ADJ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results

Similar Description - LM2700

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com