Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2715SQX-ADJ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2715SQX-ADJ
Description  TFT Panel Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2715SQX-ADJ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2715SQX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Pin Functions (Continued)
PGND:Connect all power ground components to a PGND
plane which should also connect directly to this pin. Use a
trace or via to connect the AGND plane to the PGND plane.
Please see Layout Considerations under the Operation sec-
tion for more details on layout suggestions.
SW: This is the drain of the internal NMOS power switch.
Minimize the metal trace area connected to this pin to mini-
mize EMI.
V
IN: Input Supply Pin. Bypass this pin with a capacitor as
close to the device as possible. The capacitor should con-
nect between V
IN and PGND.
SWI: PMOS switch input. Source connection of PMOS de-
vice.
SWO: PMOS switch output. Drain connection of PMOS
device.
SWC: PMOS switch control pin. This pin creates an AND
function with the delay time after the output of the switching
regulator has reached 85% of its nominal value. To ensure
the PMOS switch is in the correct state, apply a voltage
above 1.5V to this pin to turn on the PMOS switch and apply
a voltage below 0.7V to turn off the PMOS switch.
AV
IN: Supply pin for the Vcom opamp and the Gamma
buffer. Bypass this pin with a capacitor as close to the device
as possible, about 100nF, if connected directly to the output
of the boost DC/DC switching regulator. The capacitor
should connect between AV
IN and PGND.
GMA: Gamma Buffer output pin.
GMA+: Gamma Buffer input pin.
Ordering Information (TSSOP)
Order Number
Package Type
NSC Package Drawing
Supplied As
LM2715MT-ADJ
TSSOP-16
MTC16
73 Units, Rail
LM2715MTX-ADJ
TSSOP-16
MTC16
2500 Units, Tape and Reel
Ordering Information (LLP)
Order Number
Spec
Package Type
NSC Package
Drawing
Supplied As
LM2715SQ-ADJ
LLP-24
SQA24B
1000 Units, Tape and Reel
LM2715SQX-ADJ
LLP-24
SQA24B
4500 Units, Tape and Reel
LM2715SQ-ADJ
NOPB
LLP-24
SQA24B
1000 Units, Tape and Reel
LM2715SQX-ADJ
NOPB
LLP-24
SQA24B
4500 Units, Tape and Reel
www.national.com
4


Similar Part No. - LM2715SQX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2715 NSC-LM2715 Datasheet
752Kb / 20P
   TFT Panel Module
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM27150R-1.5 HTC-LM27150R-1.5 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM27150R-1.8 HTC-LM27150R-1.8 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM27150R-12 HTC-LM27150R-12 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
More results

Similar Description - LM2715SQX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2702 NSC-LM2702 Datasheet
813Kb / 21P
   TFT Panel Module
LM2715 NSC-LM2715 Datasheet
752Kb / 20P
   TFT Panel Module
LM2711 NSC-LM2711 Datasheet
846Kb / 20P
   TFT Panel Module
logo
Analog Devices
ADP3041 AD-ADP3041 Datasheet
269Kb / 16P
   TFT LCD Panel Power Module
REV. D
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
   TFT LCD Panel Power Module
REV. D
logo
Crystalfontz America, I...
CFAF480128A0-039TC CRYSTAIFONTZ-CFAF480128A0-039TC Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
CFAF480128A0-039TR CRYSTAIFONTZ-CFAF480128A0-039TR Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAF800480E0-050SC CRYSTAIFONTZ-CFAF800480E0-050SC Datasheet
1Mb / 16P
   5??TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
logo
Rohm
BD8154EFV ROHM-BD8154EFV Datasheet
357Kb / 6P
   Main power supply for TFT-LCD panel module
logo
Sharp Corporation
LQ080V3DG01 SHARP-LQ080V3DG01 Datasheet
468Kb / 23P
   TFT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com