Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2715SQX-ADJ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2715SQX-ADJ
Description  TFT Panel Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2715SQX-ADJ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2715SQX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM2715SQX-ADJ Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical Characteristics — Gamma Buffer (Continued)
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). Unless otherwise specified VIN =2.2V, AVIN = 8V, RCOM =RGAMMA =50
Ω,C
COM =
C
GAMMA = 1nF.
Gamma Buffer
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
Is+
Supply Current (Amplifier +
Buffer)
Vo=AV
IN/2, No Load
2.5
4.3
mA
I
SC
Output Short Circuit Current
Source
50
66
mA
Sink
40
56
Electrical Characteristics — PMOS Switch Logic Control
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). Unless otherwise specified VIN =2.2V, AVIN = 8V, RCOM =RGAMMA =50
Ω,C
COM =
C
GAMMA = 1nF.
PMOS Switch Logic Control
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
I
DELAY
Delay Current
4.7
5.7
6.4
µA
R
DSON
PMOS Switch ON Resistance
7
20
I
SWO
PMOS Switch Current
Switch ON
20
mA
I
SWI
PMOS Switch Input Current
SWC = 0V, SWO Open, SWI
= 30V
50
100
µA
SWC = 1.7V, SWO Open,
SWI = 30V
175
350
V
SWC
Switch ON
1.5
1.1
V
Switch OFF
1.1
0.7
Note 1: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA,
and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) −TA)/θJA.
Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
Note 2: Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is intended to
be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 4: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100%
production tested or guaranteed through statistical analysis. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 5: Typical numbers are at 25˚C and represent the most likely norm.
Note 6: Duty cycle affects current limit due to ramp generator. See Typical Performance Characteristics for a graph of Power Switch Current Limit vs. VIN and Power
Switch Current Limit vs. Temp.
Note 7: See Typical Performance Characteristics section for Tri-Temperature data for RDSON vs. VIN.
Note 8: Bias current flows into pin.
Note 9: Refer to the graphs titled "Input Offset Voltage vs. Common Mode Voltage".
www.national.com
8


Similar Part No. - LM2715SQX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2715 NSC-LM2715 Datasheet
752Kb / 20P
   TFT Panel Module
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM27150R-1.5 HTC-LM27150R-1.5 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM27150R-1.8 HTC-LM27150R-1.8 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM27150R-12 HTC-LM27150R-12 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
More results

Similar Description - LM2715SQX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2702 NSC-LM2702 Datasheet
813Kb / 21P
   TFT Panel Module
LM2715 NSC-LM2715 Datasheet
752Kb / 20P
   TFT Panel Module
LM2711 NSC-LM2711 Datasheet
846Kb / 20P
   TFT Panel Module
logo
Analog Devices
ADP3041 AD-ADP3041 Datasheet
269Kb / 16P
   TFT LCD Panel Power Module
REV. D
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
   TFT LCD Panel Power Module
REV. D
logo
Crystalfontz America, I...
CFAF480128A0-039TC CRYSTAIFONTZ-CFAF480128A0-039TC Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
CFAF480128A0-039TR CRYSTAIFONTZ-CFAF480128A0-039TR Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAF800480E0-050SC CRYSTAIFONTZ-CFAF800480E0-050SC Datasheet
1Mb / 16P
   5??TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
logo
Rohm
BD8154EFV ROHM-BD8154EFV Datasheet
357Kb / 6P
   Main power supply for TFT-LCD panel module
logo
Sharp Corporation
LQ080V3DG01 SHARP-LQ080V3DG01 Datasheet
468Kb / 23P
   TFT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com