Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM145453V Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM145453V
Description  Liquid Crystal Display Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM145453V Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM145453V Datasheet HTML 1Page - National Semiconductor (TI) MM145453V Datasheet HTML 2Page - National Semiconductor (TI) MM145453V Datasheet HTML 3Page - National Semiconductor (TI) MM145453V Datasheet HTML 4Page - National Semiconductor (TI) MM145453V Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Applications Information (Continued)
AR
OSC_IN resistor value of 50k
Ω with a C
OSC_IN capacitor
value of 0.01µF and a V
DD value of 5.00V would produce a
typical oscillator frequency ( f
OSC) of about 1200Hz. The
f
OSC signal is divided by 16 before it is presented at the
BP_OUT pin. For this example the approximate BP_OUT
frequency will be f
OSC/16, or about 75Hz.
The BP_IN pin of the MM145453 can be used with an
externally supplied signal, provided it has a duty cycle of
50%. Any deviation from a precise 50% duty cycle will result
in an offset voltage on the LCD. The use of an external clock
allows synchronizing the display drive with AC power, other
internal clocks, or DVM integration time to reduce interfer-
ence from the display. When using an external clock for the
back plane drive the internal oscillator should be disabled by
connecting the OSC_IN pin directly to ground. This will
prevent possible internal oscillations, and reduce device dis-
sipation.
The MM145453 is a pin out variation of the MM5453. For
additional applications information please refer to the
MM5453 data sheet.
Input Data Format
10128304
FIGURE 3.
www.national.com
4


Similar Part No. - MM145453V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM145453V NSC-MM145453V Datasheet
100Kb / 5P
   Liquid Crystal Display Driver
logo
Texas Instruments
MM145453V TI-MM145453V Datasheet
196Kb / 10P
[Old version datasheet]   Liquid Crystal Display Driver
MM145453V/NOPB TI-MM145453V/NOPB Datasheet
196Kb / 10P
[Old version datasheet]   Liquid Crystal Display Driver
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
[Old version datasheet]   Liquid Crystal Display Driver
MM145453VX/NOPB TI-MM145453VX/NOPB Datasheet
196Kb / 10P
[Old version datasheet]   Liquid Crystal Display Driver
More results

Similar Description - MM145453V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
[Old version datasheet]   Liquid Crystal Display Driver
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
   Liquid Crystal Display Driver
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
   Liquid Crystal Display Driver
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
   LIQUID-CRYSTAL DISPLAY DRIVER
logo
Texas Instruments
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
[Old version datasheet]   Liquid Crystal Display Driver
logo
National Semiconductor ...
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
   MM5483 Liquid Crystal Display Driver
logo
Panasonic Semiconductor
MN83876A PANASONIC-MN83876A Datasheet
28Kb / 3P
   Liquid Crystal Display Panel Source Driver
logo
Sanyo Semicon Device
LC7931D SANYO-LC7931D Datasheet
148Kb / 8P
   80-Channel Liquid-crystal Display Driver
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com