Selected language     English  ▼


AD712AQ Datasheet(PDF) 15 Page - Analog Devices

Part No. AD712AQ
Description  Dual Precision, Low Cost, High Speed BiFET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 15 page
background image
AD712
Rev. G | Page 15 of 20
Figure 41 and Figure 42 show the settling time characteristics of
the AD712 when used as a DAC output buffer for the AD7545.
1mV
5V
500ns
100
10
0%
90
Figure 41. Positive Settling Characteristics for AD712 with AD7545
1mV
5V
500ns
100
10
0%
90
Figure 42. Negative Settling Characteristics for AD712 with AD7545
NOISE CHARACTERISTICS
The random nature of noise, particularly in the flicker noise
region, makes it difficult to specify in practical terms. At the
same time, designers of precision instrumentation require
certain guaranteed maximum noise levels to realize the full
accuracy of their equipment. All grades of the AD712 are sample
tested on an AQL basis to a limit of 6 μV p-p, 0.1 Hz to 10 Hz.
DRIVING THE ANALOG INPUT OF AN
ANALOG-TO-DIGITAL CONVERTER
An op amp driving the analog input of an ADC, such as that
shown in Figure 43, must be capable of maintaining a constant
output voltage under dynamically changing load conditions. In
successive approximation converters, the input current is com-
pared to a series of switched trial currents. The comparison
point is diode clamped, but can deviate several hundred millivolts
resulting in high frequency modulation of analog-to-digital
input current. The output impedance of a feedback amplifier
is made artificially low by the loop gain. At high frequencies,
where the loop gain is low, the amplifier output impedance
can approach its open-loop value. Most IC amplifiers exhibit a
minimum open-loop output impedance of 25 Ω due to current-
limiting resistors.
+15V
1/2
AD712
0.1µF
0.1µF
–15V
ANALOG COM
AD574A
12/8
CS
AO
R/C
CE
REF IN
REF OUT
BIP OFF
10VIN
20VIN
STS
+5V
+15V
–15V
±10V
ANALOG
INPUT
OFFSET
ADJUST
R2
100Ω
R1
100Ω
GAIN
ADJUST
HIGH
BITS
MIDDLE
BITS
LOW
BITS
AC
DC
Figure 43. AD712 as An ADC Unity-Gain Buffer
A few hundred microamps reflected from the change in con-
verter loading can introduce errors in instantaneous input
voltage. If the analog-to-digital conversion speed is not excessive
and the bandwidth of the amplifier is sufficient, the amplifier
output returns to the nominal value before the converter makes
its comparison. However, many amplifiers have relatively narrow
bandwidth yielding slow recovery from output transients. The
AD712 is ideally suited to drive high speed analog-to-digital
converters because it offers both wide bandwidth and high
open-loop gain.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD711_02Precision Low Cost High Speed BiFET Op Amp 1 2 3 4 5 MoreAnalog Devices
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ADA4862-3High Speed G = +2 Low Cost Triple Op Amp 1 2 3 4 5 MoreAnalog Devices
AD827_02High Speed Low Power Dual Op Amp 1 2 3 4 5 MoreAnalog Devices
ADA4860-1High Speed Low Cost Op Amp 1 2 3 4 5 MoreAnalog Devices
AD8132_06Low Cost High Speed Differential Amplifier 1 2 3 4 5 MoreAnalog Devices
AD825_04Low Cost General-Purpose High Speed JFET Amplifier 1 2 3 4 5 MoreAnalog Devices
USBULC6-2F3Dual ultra low capacitance protection for high speed USB 1 2 3 4 5 MoreSTMicroelectronics
STSLVDSP278-bit low voltage serializer with 1.8V high speed dual differential line drivers and embedded DPLL 1 2 3 4 5 MoreSTMicroelectronics
OP249_07Dual Precision JFET High Speed Operational Amplifier 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl