Selected language     English  ▼


AD712AQ Datasheet(PDF) 16 Page - Analog Devices

Part No. AD712AQ
Description  Dual Precision, Low Cost, High Speed BiFET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 16 page
background image
AD712
Rev. G | Page 16 of 20
200ns
500mV
PD711 BUFF
–10V ADC IN
1mV
100
10
0%
90
Figure 44. ADC Input Unity Gain Buffer Recovery Times, −10 V ADC IN
200ns
500mV
PD711 BUFF
–5V ADC IN
1mV
100
10
0%
90
Figure 45. ADC Input Unity Gain Buffer Recovery Times, −5 V ADC IN
DRIVING A LARGE CAPACITIVE LOAD
The circuit in Figure 46 uses a 100 Ω isolation resistor that
enables the amplifier to drive capacitive loads exceeding
1500 pF; the resistor effectively isolates the high frequency
feedback from the load and stabilizes the circuit. Low frequency
feedback is returned to the amplifier summing junction via the
low-pass filter formed by the 100 Ω series resistor and the Load
Capacitance CL. Figure 47 shows a typical transient response for
this connection.
1/2
AD712
0.1µF
0.1µF
–VIN
+VIN
INPUT
R1
2kΩ
1500pF
10kΩ
1500pF
20Ω
1000pF
C1
R1
4.99kΩ
4.99kΩ
30pF
OUTPUT
100Ω
+ –
+
TYPICAL CAPACITANCE
LIMIT FOR VARIOUS
LOAD RESISTORS
C1 UP TO
Figure 46. Circuit for Driving a Large Capacitive Load
5V
1µs
100
10
0%
90
Figure 47. Transient Response RL = 2 kΩ, CL = 500 pF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD711_02Precision Low Cost High Speed BiFET Op Amp 1 2 3 4 5 MoreAnalog Devices
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ADA4862-3High Speed G = +2 Low Cost Triple Op Amp 1 2 3 4 5 MoreAnalog Devices
AD827_02High Speed Low Power Dual Op Amp 1 2 3 4 5 MoreAnalog Devices
ADA4860-1High Speed Low Cost Op Amp 1 2 3 4 5 MoreAnalog Devices
AD8132_06Low Cost High Speed Differential Amplifier 1 2 3 4 5 MoreAnalog Devices
AD825_04Low Cost General-Purpose High Speed JFET Amplifier 1 2 3 4 5 MoreAnalog Devices
USBULC6-2F3Dual ultra low capacitance protection for high speed USB 1 2 3 4 5 MoreSTMicroelectronics
STSLVDSP278-bit low voltage serializer with 1.8V high speed dual differential line drivers and embedded DPLL 1 2 3 4 5 MoreSTMicroelectronics
OP249_07Dual Precision JFET High Speed Operational Amplifier 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl