Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD811JR Datasheet(PDF) 1 Page - Analog Devices

Part # AD811JR
Description  High Performance Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811JR Datasheet(HTML) 1 Page - Analog Devices

  AD811JR Datasheet HTML 1Page - Analog Devices AD811JR Datasheet HTML 2Page - Analog Devices AD811JR Datasheet HTML 3Page - Analog Devices AD811JR Datasheet HTML 4Page - Analog Devices AD811JR Datasheet HTML 5Page - Analog Devices AD811JR Datasheet HTML 6Page - Analog Devices AD811JR Datasheet HTML 7Page - Analog Devices AD811JR Datasheet HTML 8Page - Analog Devices AD811JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Performance Video Op Amp
AD811
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
High speed
140 MHz bandwidth (3 dB, G = +1)
120 MHz bandwidth (3 dB, G = +2)
35 MHz bandwidth (0.1 dB, G = +2)
2500 V/µs slew rate
25 ns settling time to 0.1% (for a 2 V step)
65 ns settling time to 0.01% (for a 10 V step)
Excellent video performance (RL =150 Ω)
0.01% differential gain, 0.01° differential phase
Voltage noise of 1.9 nV/√Hz
Low distortion: THD = −74 dB @ 10 MHz
Excellent dc precision: 3 mV max input offset voltage
Flexible operation
Specified for ±5 V and ±15 V operation
±2.3 V output swing into a 75 Ω load (VS = ±5 V)
APPLICATIONS
Video crosspoint switchers, multimedia broadcast systems
HDTV compatible systems
Video line drivers, distribution amplifiers
ADC/DAC buffers
DC restoration circuits
Medical
Ultrasound
PET
Gamma
Counter applications
GENERAL DESCRIPTION
A wideband current feedback operational amplifier, the AD811
is optimized for broadcast-quality video systems. The −3 dB
bandwidth of 120 MHz at a gain of +2 and the differential gain
and phase of 0.01% and 0.01° (RL = 150 Ω) make the AD811
an excellent choice for all video systems. The AD811 is designed
to meet a stringent 0.1 dB gain flatness specification to a band-
width of 35 MHz (G = +2) in addition to low differential gain
and phase errors. This performance is achieved whether driving
one or two back-terminated 75 Ω cables, with a low power
supply current of 16.5 mA. Furthermore, the AD811 is specified
over a power supply range of ±4.5 V to ±18 V.
(Continued on page 3)
CONNECTION DIAGRAMS
1
2
3
4
8
7
6
5
AD811
NC
–IN
+IN
–VS
+VS
NC
OUTPUT
NC
NC = NO CONNECT
Figure 1. 8-Lead Plastic (N-8), CERDIP (Q-8), SOIC (R-8)
NC
+VS
–VS
AD811
NC
–IN
NC
+IN
NC
NC
NC
NC
OUTPUT
NC
NC = NO CONNECT
NC
NC
NC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 2. 16-Lead SOIC (R-16)
AD811
NC
NC
NC
OUTPUT
+VS
NC
NC
NC
–IN
+IN
NC = NO CONNECT
1
2
320 19
18
17
16
15
14
9 10 11 12 13
4
5
6
7
8
Figure 3. 20-Terminal LCC (E-20A)
+IN
–IN
AD811
NC
NC
NC
NC
NC
NC
+VS
–VS
NC
OUTPUT
NC
NC
NC = NO CONNECT
NC
NC
NC
NC
NC
NC
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
1
2
20
19
Figure 4. 20-Lead SOIC (R-20)


Similar Part No. - AD811JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811JR AD-AD811JR Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
logo
List of Unclassifed Man...
AD811JR ETC2-AD811JR Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Analog Devices
AD811JR-EBZ AD-AD811JR-EBZ Datasheet
465Kb / 21P
   High Performance Video Op Amp
AD811JR-REEL AD-AD811JR-REEL Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
AD811JR-REEL7 AD-AD811JR-REEL7 Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
More results

Similar Description - AD811JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811 AD-AD811 Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
AD811 AD-AD811_17 Datasheet
465Kb / 21P
   High Performance Video Op Amp
AD811 AD-AD811_15 Datasheet
624Kb / 21P
   High Performance Video Op Amp
Rev. F
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
[Old version datasheet]   Fast Settling, Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com