Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD712JR-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD712JR-REEL
Description  Dual Precision, Low Cost, High Speed BiFET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712JR-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD712JR-REEL Datasheet HTML 2Page - Analog Devices AD712JR-REEL Datasheet HTML 3Page - Analog Devices AD712JR-REEL Datasheet HTML 4Page - Analog Devices AD712JR-REEL Datasheet HTML 5Page - Analog Devices AD712JR-REEL Datasheet HTML 6Page - Analog Devices AD712JR-REEL Datasheet HTML 7Page - Analog Devices AD712JR-REEL Datasheet HTML 8Page - Analog Devices AD712JR-REEL Datasheet HTML 9Page - Analog Devices AD712JR-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD712
Rev. G | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE ± V
20
15
0
10
5
05
10
15
20
RL = 2kΩ
25°C
Figure 2. Input Voltage Swing vs. Supply Voltage
SUPPLY VOLTAGE ± V
20
15
0
05
10
5
10
15
20
+VOUT
–VOUT
RL = 2kΩ
25°C
Figure 3. Output Voltage Swing vs. Supply Voltage
LOAD RESISTANCE (Ω)
30
25
0
15
10
5
20
10
100
1k
10k
±15V SUPPLIES
Figure 4. Output Voltage Swing vs. Load Resistance
SUPPLY VOLTAGE ± V
6
5
2
4
3
0
5
10
15
20
Figure 5. Quiescent Current vs. Supply Voltage
TEMPERATURE (°C)
–60
1010
1011
1012
106
107
108
109
–40
–20
0
20
40
60
80
100
120
140
Figure 6. Input Bias Current vs. Temperature
FREQUENCY (Hz)
0.01
1k
1.0
0.1
10
100
10k
100k
1M
10M
Figure 7. Output Impedance vs. Frequency


Similar Part No. - AD712JR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD712JR-REEL AD-AD712JR-REEL Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712JR-REEL7 AD-AD712JR-REEL7 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
More results

Similar Description - AD712JR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com