Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD811JR-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD811JR-REEL
Description  High Performance Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811JR-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD811JR-REEL Datasheet HTML 1Page - Analog Devices AD811JR-REEL Datasheet HTML 2Page - Analog Devices AD811JR-REEL Datasheet HTML 3Page - Analog Devices AD811JR-REEL Datasheet HTML 4Page - Analog Devices AD811JR-REEL Datasheet HTML 5Page - Analog Devices AD811JR-REEL Datasheet HTML 6Page - Analog Devices AD811JR-REEL Datasheet HTML 7Page - Analog Devices AD811JR-REEL Datasheet HTML 8Page - Analog Devices AD811JR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD811
Rev. E | Page 5 of 20
AD811J/A1
AD811S2
Parameter
Conditions
Vs
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION
VOS (vs. Common Mode)
TMIN to TMAX
VCM = ±2.5 V
±5 V
56
60
50
60
dB
TMIN to TMAX
VCM = ±10 V
±15 V
60
66
56
66
dB
Input Current (vs. Common Mode)
TMIN to TMAX
1
3
1
3
µA/V
POWER SUPPLY REJECTION
VS = ±4.5 V to ±18 V
VOS
TMIN to TMAX
60
70
60
70
dB
+Input Current
TMIN to TMAX
0.3
2
0.3
2
µA/V
−Input Current
TMIN to TMAX
0.4
2
0.4
2
µA/V
INPUT VOLTAGE NOISE
f = 1 kHz
1.9
1.9
nV/√Hz
INPUT CURRENT NOISE
f = 1 kHz
20
20
pA/√Hz
OUTPUT CHARACTERISTICS
Voltage Swing, Useful Operating Range3
±5 V
±2.9
±2.9
V
±15 V
±12
±12
V
Output Current
TJ = 25°C
100
100
mA
Short-Circuit Current
150
150
mA
Output Resistance
(Open Loop @ 5 MHz)
9
9
INPUT CHARACTERISTIC
+Input Resistance
1.5
1.5
MΩ
−Input Resistance
14
14
Input Capacitance
+Input
7.5
7.5
pF
Common-Mode Voltage Range
±5 V
±3
±3
V
±15 V
±13
±13
V
POWER SUPPLY
Operating Range
±4.5
±18
±4.5
±18
V
Quiescent Current
±5 V
14.5
16.0
14.5
16.0
mA
±15 V
16.5
18.0
16.5
18.0
mA
TRANSISTOR COUNT
Number of Transistors
40
40
1 The AD811JR is specified with ±5 V power supplies only, with operation up to ±12 V.
2 See the Analog Devices military data sheet for 883B tested specifications.
3 Useful operating range is defined as the output voltage at which linearity begins to degrade.


Similar Part No. - AD811JR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811JR-REEL AD-AD811JR-REEL Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
AD811JR-REEL7 AD-AD811JR-REEL7 Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
More results

Similar Description - AD811JR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811 AD-AD811 Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
AD811 AD-AD811_17 Datasheet
465Kb / 21P
   High Performance Video Op Amp
AD811 AD-AD811_15 Datasheet
624Kb / 21P
   High Performance Video Op Amp
Rev. F
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
[Old version datasheet]   Fast Settling, Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com