Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28405OC-2 Datasheet(PDF) 4 Page - SpectraLinear Inc

Part # CY28405OC-2
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28405OC-2 Datasheet(HTML) 4 Page - SpectraLinear Inc

  CY28405OC-2 Datasheet HTML 1Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 2Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 3Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 4Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 5Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 6Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 7Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 8Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
CY28405-2
Rev 1.0, November 22, 2006
Page 4 of 16
Byte Configuration Map
....
Data Byte (N–1) –8 bits
47
Acknowledge from master
....
Acknowledge from slave
48:55
Data byte from slave – 8 bits
....
Data Byte N –8 bits
56
Acknowledge from master
....
Acknowledge from slave
....
Data byte N from slave – 8 bits
....
Stop
....
Acknowledge from master
....
Stop
Table 4. Block Read and Block Write Protocol (continued)
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
Table 5. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9
Write = 0
9
Write = 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
'100xxxxx' stands for byte operation, bits[6:0] of the
command code represents the offset of the byte to
be accessed
11:18
Command Code – 8 bits
'100xxxxx' stands for byte operation, bits[6:0] of
the command code represents the offset of the
byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte from master – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29
Stop
28
Read = 1
29
Acknowledge from slave
30:37
Data byte from slave – 8 bits
38
Acknowledge from master
39
Stop
Byte 0: Control Register
Bit
@Pup
Name
Description
7
0
Reserved
Reserved, set = 0
61
PCIF
PCI
PCI Drive Strength Override
0 = Force All PCI and PCIF Outputs to Low Drive Strength
1 = Force All PCI and PCIF Outputs to High Drive Strength
5
0
Reserved
Reserved, set = 0
4
0
Reserved
Reserved, set = 0
3
1
Reserved
Reserved, set = 1
2
1
Reserved
Reserved, set = 1
1
HW
FS_B
Power-up latched value of FS_B pin
0
HW
FS_A
Power-up latched value of FS_A pin


Similar Part No. - CY28405OC-2

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28405OC-3 SPECTRALINEAR-CY28405OC-3 Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28405OC-3T SPECTRALINEAR-CY28405OC-3T Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results

Similar Description - CY28405OC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409 Datasheet
330Kb / 18P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28419 CYPRESS-CY28419 Datasheet
275Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28419 SPECTRALINEAR-CY28419 Datasheet
207Kb / 15P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28405-3 SPECTRALINEAR-CY28405-3 Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28409 SPECTRALINEAR-CY28409 Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409_06 Datasheet
345Kb / 17P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com