Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28405OC-2 Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY28405OC-2
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28405OC-2 Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button CY28405OC-2 Datasheet HTML 4Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 5Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 6Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 7Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 8Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 9Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 10Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 11Page - SpectraLinear Inc CY28405OC-2 Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
CY28405-2
Rev 1.0, November 22, 2006
Page 8 of 16
Calculating Load Capacitors
In addition to the standard external trim capacitors, trace
capacitance and pin capacitance must also be considered to
correctly calculate crystal loading. As mentioned previously,
the capacitance on each side of the crystal is in series with the
crystal. This means the total capacitance on each side of the
crystal must be twice the specified crystal load capacitance
(CL). While the capacitance on each side of the crystal is in
series with the crystal, trim capacitors (Ce1,Ce2) should be
calculated to provide equal capacitive loading on both sides.
As mentioned previously, the capacitance on each side of the
crystal is in series with the crystal. This mean the total capac-
itance on each side of the crystal must be twice the specified
load capacitance (CL). While the capacitance on each side of
the crystal is in series with the crystal, trim capac-
itors(Ce1,Ce2) should be calculated to provide equal capaci-
tative loading on both sides.
Use the following formulas to calculate the trim capacitor
values fro Ce1 and Ce2.
CL ................................................... Crystal load capacitance
CLe .........................................Actual loading seen by crystal
...................................... using standard value trim capacitors
Ce .....................................................External trim capacitors
Cs .............................................Stray capacitance (trace,etc)
Ci .............Internal capacitance (lead frame, bond wires etc)
PD# (Power-down) Clarification
The PD# (Power Down) pin is used to shut off ALL clocks prior
to shutting off power to the device. PD# is an asynchronous
active LOW input. This signal is synchronized internally to the
device powering down the clock synthesizer. PD# is an
asynchronous function for powering up the system. When PD#
is low, all clocks are driven to a LOW value and held there and
the VCO and PLLs are also powered down. All clocks are shut
down in a synchronous manner so has not to cause glitches
while transitioning to the low ‘stopped’ state.
PD# – Assertion
When PD# is sampled low by two consecutive rising edges of
CPUC clock then all clock outputs (except CPU) clocks must
be held low on their next high to low transition. CPU clocks
must be hold with CPU clock pin driven high with a value of 2x
Iref and CPUC undriven.
Due to the state of internal logic, stopping and holding the REF
clock outputs in the LOW state may require more than one
clock cycle to complete.
XTAL
Ce2
Ce1
Cs1
Cs2
X1
X2
Ci1
Ci2
Clock Chip
(C Y28405-2)
Trace
2.8pF
Trim
33pF
Pin
3 to 6p
Figure 2. Crystal Loading Example
Load Capacitance (each side)
Total Capacitance (as seen by the crystal)
Ce = 2 * CL – (Cs + Ci)
Ce1 + Cs1 + Ci1
1
+
Ce2 + Cs2 + Ci2
1
()
1
=
CLe


Similar Part No. - CY28405OC-2

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28405OC-3 SPECTRALINEAR-CY28405OC-3 Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28405OC-3T SPECTRALINEAR-CY28405OC-3T Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results

Similar Description - CY28405OC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409 Datasheet
330Kb / 18P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28419 CYPRESS-CY28419 Datasheet
275Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28419 SPECTRALINEAR-CY28419 Datasheet
207Kb / 15P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28405-3 SPECTRALINEAR-CY28405-3 Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28409 SPECTRALINEAR-CY28409 Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409_06 Datasheet
345Kb / 17P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com