Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8016ARE-EVAL Datasheet(PDF) 3 Page - Analog Devices

Part # AD8016ARE-EVAL
Description  Low Power, High Output Current xDSL Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016ARE-EVAL Datasheet(HTML) 3 Page - Analog Devices

  AD8016ARE-EVAL Datasheet HTML 1Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 2Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 3Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 4Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 5Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 6Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 7Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 8Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. B
–3–
AD8016
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, RF = 1.5 k
Ω, V
OUT = 0.2 V p-p
320
MHz
G = +5, RF = 499
Ω, VOUT < 0.5 V p-p
70
71
MHz
Bandwidth for 0.1 dB Flatness
G = +5, RF = 499
Ω, V
OUT = 0.2 V p-p
10
15
MHz
Large Signal Bandwidth
VOUT = 1 V rms
80
MHz
Peaking
VOUT = 0.2 V p-p < 50 MHz
0.7
1.0
dB
Slew Rate
VOUT = 4 V p-p, G = +2
300
V/
µs
Rise and Fall Time
VOUT = 2 V p-p
2
ns
Settling Time
0.1%, VOUT = 2 V p-p
39
ns
Input Overdrive Recovery Time
VOUT = 6.5 V p-p
350
ns
NOISE/DISTORTION PERFORMANCE
Distortion, Single-Ended
G = +5, VOUT = 2 V p-p, RF = 499
Second Harmonic
fC = 1 MHz, RL = 100
Ω/25 Ω
–73/61
–75/–63
dBc
Third Harmonic
fC = 1 MHz, RL = 100
Ω/25 Ω
–80/–68
–82/–70
dBc
Multitone Power Ratio
*
26 kHz to 138 kHz, ZLINE = 100
Ω,
PLINE = 13 dBm
–68
dBc
IMD
500 kHz,
∆f = 110 kHz, R
L = 100
Ω/25 Ω
–87/–82
–88/–83
dBc
IP3
500 kHz
42/39
42/39
dBm
Voltage Noise (RTI)
f = 10 kHz
4
5
nV/
√Hz
Input Current Noise
f = 10 kHz
17
20
pA
√Hz
INPUT CHARACTERISTICS
RTI Offset Voltage
–3.0
0.2
+3.0
mV
+Input Bias Current
–25
10
+25
µA
–Input Bias Current
–30
10
+30
µA
Input Resistance
400
k
Input Capacitance
2pF
Input Common-Mode Voltage Range
–4
+4
V
Common-Mode Rejection Ratio
60
66
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Single-Ended, RL = 100
–5
+5
V
Linear Output Current
G = +5, RL = 5
Ω, f = 100 kHz,
–60 dBc SFDR
300
420
mA
Short-Circuit Current
830
mA
Capacitive Load Drive
RS = 10
50
pF
POWER SUPPLY
Quiescent Current
PWDN1, PWDN0 = (1, 1)
8
9.7
mA/Amp
PWDN1, PWDN0 = (1, 0)
6
6.9
mA/Amp
PWDN1, PWDN0 = (0, 1)
4
5.0
mA/Amp
PWDN1, PWDN0 = (0, 0)
3
4.1
mA/Amp
Recovery Time
To 95% of IQ
23
µs
Shutdown Current
250
µA Out of Bias Pin
1.0
2.0
mA/Amp
Power Supply Rejection Ratio
∆V
S =
±1 V
63
80
dB
OPERATING TEMPERATURE RANGE
–40
+85
°C
NOTES
*See Figure 43, R20, R21 = 0
Ω, R1 = open.
Specifications subject to change without notice.
(@ 25 C, VS =
6 V, RL = 100
, PWDN0, PWDN1 = (1, 1), TMIN = –40 C,
TMAX = +85 C, unless otherwise noted.)
SPECIFICATIONS
LOGIC INPUTS (CMOS Compatible Logic)
Parameter
Min
Typ
Max
Unit
Logic 1 Voltage
2.2
VCC
V
Logic 0 Voltage
0
0.8
V
(PWDN0, PWDN1, VCC =
12 V or
6 V; Full Temperature Range)


Similar Part No. - AD8016ARE-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016ARE-EVAL AD-AD8016ARE-EVAL Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
More results

Similar Description - AD8016ARE-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
AD8016 AD-AD8016 Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com