Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28408ZCT Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY28408ZCT
Description  Clock Synthesizer with Differential CPU Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28408ZCT Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button CY28408ZCT Datasheet HTML 4Page - SpectraLinear Inc CY28408ZCT Datasheet HTML 5Page - SpectraLinear Inc CY28408ZCT Datasheet HTML 6Page - SpectraLinear Inc CY28408ZCT Datasheet HTML 7Page - SpectraLinear Inc CY28408ZCT Datasheet HTML 8Page - SpectraLinear Inc CY28408ZCT Datasheet HTML 9Page - SpectraLinear Inc CY28408ZCT Datasheet HTML 10Page - SpectraLinear Inc CY28408ZCT Datasheet HTML 11Page - SpectraLinear Inc CY28408ZCT Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CY28408
Rev 1.0, November 20, 2006
Page 8 of 18
Special Functions
PCI_F and IOAPIC Clock Outputs
The PCIF clock outputs are intended to be used, if required,
for systems IOAPIC clock functionality. ANY two of the PCI_F
clock outputs can be used as IOAPIC 33-MHz clock outputs.
They are 3.3V outputs will be divided down via a simple
resistive voltage divider to meet specific system IOAPIC clock
voltage requirements. In the event these clocks are not
required, then these clocks can be used as general PCI clocks
or disabled via the assertion of the PCI_STP# pin.
3V66_1/VCH Clock Output
The 3V66_1/VCH pin has a dual functionality that is selectable
via SMBus. If Byte0, Bit 5 = ‘1’, then the output is configured
as a 48-MHz non-spread spectrum output. This output is
phase aligned with the other 48M outputs (USB and DOT), to
within 1 ns pin-to-pin skew. The switching of 3V66_1/VCH into
VCH mode occurs at system power on. When the SMBus Bit
5 of Byte 0 is programmed from a ‘0’ to a ‘1’, the 3V66_1/VCH
output may glitch while transitioning to 48M output mode.
CPU_STP# Clarification
The CPU_STP# signal is an active LOW input used for
synchronous stopping and starting the CPU output clocks
while the rest of the clock generator continues to function.
CPU_STP# – Assertion
When CPU_STP# pin is asserted, all CPUT/C outputs that are
set with the SMBus configuration to be stoppable via assertion
of CPU_STP# will be stopped after being sampled by two
falling CPUT/C clock edges. The final state of the stopped
CPU signals is CPUT = HIGH and CPU0C = LOW. There is no
change to the output drive current values during the stopped
state. The CPUT is driven HIGH with a current value equal to
(Mult 0 ‘select’) x (Iref), and the CPUC signal will not be driven.
Due to external pull-down circuitry CPUC will be LOW during
this stopped state.
Note:
3. 0 = 10K Pull-down resistor, 1 = 10k Pull-up resistor.
Table 7. Group Timing Relationship and Tolerances
Description
Offset
Tolerance
Conditions
3V66 to PCI
2.5 ns
1.0 ns
3V66 Leads PCI
48M_USB to 48M_DOT Skew
0 or 10.4 ns
1.0 ns
48MUSB
48MDOT
Figure 1. 48M_USB and 48M_DOT Phase Relationship
PCI
PCI_F
Tpci
3V66
Figure 2. 3V66 to PCI and PCI_F Phase Relationship
Table 8. Early PCI Select Functions[3]
EPCI3
EPCI1
EPCI(3,1)
0
0
0.0 ns
1
0
0.8 ns
1
1
1.6 ns


Similar Part No. - CY28408ZCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28408ZCT CYPRESS-CY28408ZCT Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28408ZCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346_05 Datasheet
274Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com