Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28409OCT Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # CY28409OCT
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28409OCT Datasheet(HTML) 5 Page - SpectraLinear Inc

  CY28409OCT Datasheet HTML 1Page - SpectraLinear Inc CY28409OCT Datasheet HTML 2Page - SpectraLinear Inc CY28409OCT Datasheet HTML 3Page - SpectraLinear Inc CY28409OCT Datasheet HTML 4Page - SpectraLinear Inc CY28409OCT Datasheet HTML 5Page - SpectraLinear Inc CY28409OCT Datasheet HTML 6Page - SpectraLinear Inc CY28409OCT Datasheet HTML 7Page - SpectraLinear Inc CY28409OCT Datasheet HTML 8Page - SpectraLinear Inc CY28409OCT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY28409
Rev 1.0, November 22, 2006
Page 5 of 16
3
Externally
Selected
PCI_STP#
PCI_STP# reflects the current value of the external PCI_STP# pin.
0 = PCI_STP# pin is LOW.
2
Externally
Selected
CPU_STP#
CPU_STP# reflects the current value of the external CPU_STP# pin.
0 = CPU_STP# pin is LOW.
1
Externally
Selected
FS_B
FS_B reflects the value of the FS_B pin sampled on power-up.
0
Externally
Selected
FS_A
FS_A reflects the value of the FS_A pin sampled on power-up.
Byte 1: Control Register 1
Bit
@Pup
Name
Description
7
0
SRCT, SRCC
Allows control of SRCT/C with assertion of PCI_STP# or SW PCI_STP
0 = Free Running, 1 = Stopped with PCI_STP#
6
1
SRCT, SRCC
SRCT/C Output Enable; 0 = Disabled (Hi-z), 1 = Enabled
5
1
Reserved
Reserved, Set = 1
4
1
Reserved
Reserved, Set = 1
3
1
Reserved
Reserved, Set = 1
2
1
CPUT2, CPUC2
CPUT/C2 Output Enable; 0 = Disabled (Hi-z), 1 = Enabled
1
1
CPUT1, CPUC1
CPUT/C1 Output Enable; 0 = Disabled (Hi-z), 1 = Enabled
0
1
CPUT0, CPUC0
CPUT/C0 Output Enable; 0 = Disabled (Hi-z), 1 = Enabled
Byte 2: Control Register 2
Bit
@Pup
Name
Description
7
0
SRCT, SRCC
SRCT/C Pwrdwn Drive Mode
0 = Driven during power-down, 1 = Three-state during power-down
6
0
SRCT, SRCC
SRCT/C Stop Drive Mode
0 = Driven during PCI_STP, 1 = Three-state during PCI_STP
5
0
CPUT2, CPUC2
CPUT/C2 Pwrdwn Drive Mode
0 = Driven during power-down, 1 = Three-state during power-down
4
0
CPUT1, CPUC1
CPUT/C1 Pwrdwn Drive Mode
0 = Driven during power-down, 1 = Three-state during power-down
3
0
CPUT0, CPUC0
CPUT/C0 Pwrdwn Drive Mode
0 = Driven during power-down, 1 = Three-state during power-down
2
0
CPUT2, CPUC2
CPUT/C2 stop Drive Mode
0 = Driven when stopped, 1 = Three-state when stopped
1
0
CPUT1, CPUC1
CPUT/C1 stop Drive Mode
0 = Driven when stopped, 1 = Three-state when stopped
0
0
CPUT0, CPUC0
CPUT/C0 stop Drive Mode
0 = Driven when stopped, 1 = Three-state when stopped
Byte 3: Control Register 3
Bit
@Pup
Name
Description
7
1
SW PCI STOP
SW PCI_STP Function
0= PCI_STP assert, 1= PCI_STP deassert
When this bit is set to 0, all STOPPABLE PCI, PCIF and SRC outputs will
be stopped in a synchronous manner with no short pulses.
When this bit is set to 1, all STOPPED PCI,PCIF and SRC outputs will
resume in a synchronous manner with no short pulses.
6
1
PCI6
PCI6 Output Enable
0 = Disabled, 1 = Enabled
Byte 0:Control Register 0 (continued)
Bit
@Pup
Name
Description


Similar Part No. - CY28409OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28409OCT CYPRESS-CY28409OCT Datasheet
330Kb / 18P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28409OCT CYPRESS-CY28409OCT Datasheet
345Kb / 17P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results

Similar Description - CY28409OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409 Datasheet
330Kb / 18P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28419 CYPRESS-CY28419 Datasheet
275Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28419 SPECTRALINEAR-CY28419 Datasheet
207Kb / 15P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28405-3 SPECTRALINEAR-CY28405-3 Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409_06 Datasheet
345Kb / 17P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com