Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8010AN Datasheet(PDF) 7 Page - Analog Devices

Part # AD8010AN
Description  200 mA Output Current High-Speed Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8010AN Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8010AN Datasheet HTML 3Page - Analog Devices AD8010AN Datasheet HTML 4Page - Analog Devices AD8010AN Datasheet HTML 5Page - Analog Devices AD8010AN Datasheet HTML 6Page - Analog Devices AD8010AN Datasheet HTML 7Page - Analog Devices AD8010AN Datasheet HTML 8Page - Analog Devices AD8010AN Datasheet HTML 9Page - Analog Devices AD8010AN Datasheet HTML 10Page - Analog Devices AD8010AN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8010
–7–
REV. B
–0.05
0.2
0
–0.1
–0.2
0.1
0.05
–0.15
0.15
G = +1
RL = 18.75
VO = 0.2V p-p
50mV
20ns
Figure 21. Small-Signal Pulse Response; G = +1
–0.05
0.2
0
–0.1
–0.2
0.1
0.05
–0.15
0.15
50mV
20ns
G = +2, –1
RL = 18.75
VO = 0.2V p-p
Figure 22. Small-Signal Pulse Response; G = +2, –1
100
10
FREQUENCY – Hz
1k
10
100
10k
100k
1M
1
10M
Figure 23. Input Voltage Noise vs. Frequency
1V
20ns
G = +1
RL = 18.75
VO = 4V p-p
5
4
3
2
1
0
–1
–2
–3
–4
–5
Figure 24. Large-Signal Pulse Response; G = +1
1V
20ns
G = +2, –1
RL = 18.75
VO = 4V p-p
4
3
2
1
0
–1
–2
–3
–4
Figure 25. Large-Signal Pulse Response; G = +2, –1
INVERTING CURRENT
NONINVERTING CURRENT
100
10
1
10
100
1k
10k
100k
1M
FREQUENCY – Hz
1000
10M
Figure 26. Input Current Noise vs. Frequency


Similar Part No. - AD8010AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8010AN AD-AD8010AN Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
More results

Similar Description - AD8010AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8010 AD-AD8010_15 Datasheet
189Kb / 12P
   200 mA Output Current High-Speed Amplifier
REV. B
AD8010 AD-AD8010 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8017 AD-AD8017_02 Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017 AD-AD8017 Datasheet
223Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. A
AD8017 AD-AD8017_15 Datasheet
441Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
AD8017ARZ AD-AD8017ARZ Datasheet
410Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com