Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8010AN Datasheet(PDF) 1 Page - Analog Devices

Part # AD8010AN
Description  200 mA Output Current High-Speed Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8010AN Datasheet(HTML) 1 Page - Analog Devices

  AD8010AN Datasheet HTML 1Page - Analog Devices AD8010AN Datasheet HTML 2Page - Analog Devices AD8010AN Datasheet HTML 3Page - Analog Devices AD8010AN Datasheet HTML 4Page - Analog Devices AD8010AN Datasheet HTML 5Page - Analog Devices AD8010AN Datasheet HTML 6Page - Analog Devices AD8010AN Datasheet HTML 7Page - Analog Devices AD8010AN Datasheet HTML 8Page - Analog Devices AD8010AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8010
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
200 mA Output Current
High-Speed Amplifier
CONNECTION DIAGRAMS
8-Lead DIP and SOIC
8
7
6
5
1
2
3
4
NC = NO CONNECT
NC
–IN
+IN
NC
+VS
OUT
NC
–VS
AD8010
16-Lead Wide Body SOIC
16
15
14
13
1
2
3
4
NC = NO CONNECT
NC
–IN
+IN
NC
+VS
OUT
NC
–VS
12
11
10
9
5
6
7
8
NC
NC
NC
NC
NC
NC
NC
NC
AD8010
VIN
+5V
–5V
75
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
VOUT8
75
AD8010
RT
RG
RF
RS
Figure 1. Video Distribution Amplifier
PRODUCT DESCRIPTION
The AD8010 is a low power, high current amplifier capable of
delivering a minimum load drive of 175 mA. Signal performance
such as 0.02% and 0.03
° differential gain and phase error is
maintained while driving eight 75
Ω back terminated video lines.
The current feedback amplifier features gain flatness to 60 MHz
and –3 dB (G = +1) signal bandwidth of 230 MHz and only
requires a typical of 15.5 mA supply current from
±5 V supplies.
These features make the AD8010 an ideal component for Video
Distribution Amplifiers or as the drive amplifier within high data
rate Digital Subscriber Line (VDSL and xDSL) systems.
The AD8010 is an ideal component choice for any application
that needs a driver that will maintain signal quality when driving
low impedance loads.
The AD8010 is offered in three package options: an 8-lead DIP,
16-lead wide body SOIC and a low thermal resistance 8-lead
SOIC, and operates over the industrial temperature range of
–40
°C to +85°C.
FEATURES
200 mA of Output Current
9
Load
SFDR –54 dBc @ 1 MHz
Differential Gain Error 0.04%, f = 4.43 MHz
Differential Phase Error 0.06 , f = 4.43 MHz
Maintains Video Specifications Driving Eight Parallel
75
Loads
0.02% Differential Gain
0.03 Differential Phase
0.1 dB Gain Flatness to 60 MHz
THD –72 dBc @ 1 MHz, RL = 18.75
IP3 42 dBm @ 5 MHz, RL = 18.75
1 dB Gain Compression 21 dBm @ 5 MHz, RL = 100
230 MHz –3 dB Bandwidth, G = +1, RL = 18.75
800 V/ s Slew Rate, RL = 18.75
25 ns Settling Time to 0.1%
Available in 8-Lead DIP, 16-Lead Wide Body SOIC and
Thermally Enhanced 8-Lead SOIC
APPLICATIONS
Video Distribution Amplifier
VDSL, xDSL Line Driver
Communications
ATE
Instrumentation


Similar Part No. - AD8010AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8010AN AD-AD8010AN Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
More results

Similar Description - AD8010AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8010 AD-AD8010_15 Datasheet
189Kb / 12P
   200 mA Output Current High-Speed Amplifier
REV. B
AD8010 AD-AD8010 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8017 AD-AD8017_02 Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017 AD-AD8017 Datasheet
223Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. A
AD8017 AD-AD8017_15 Datasheet
441Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
AD8017ARZ AD-AD8017ARZ Datasheet
410Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com