Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8004 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8004
Description  Quad 3000 V/?? 35 mW Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8004 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8004_03 Datasheet HTML 7Page - Analog Devices AD8004_03 Datasheet HTML 8Page - Analog Devices AD8004_03 Datasheet HTML 9Page - Analog Devices AD8004_03 Datasheet HTML 10Page - Analog Devices AD8004_03 Datasheet HTML 11Page - Analog Devices AD8004_03 Datasheet HTML 12Page - Analog Devices AD8004_03 Datasheet HTML 13Page - Analog Devices AD8004_03 Datasheet HTML 14Page - Analog Devices AD8004_03 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. C
AD8004
–11–
FREQUENCY – MHz
2
–8
1
500
10
40
100
–2
0
–4
–6
VIN = 50mV
5VS
RL = 100
–10
–12
–14
2
–8
–2
0
–4
–6
–10
–12
–14
CL = 10pF
CL = 0
CL = 10pF
CL = 0
G = +2, RF = 1.10k
G = –2, RF = 698
Figure 10. Frequency Response vs. Capacitive Loading,
RL = 100
Ω Output
FREQUENCY – MHz
2
–8
1
500
10
40
100
–2
0
–4
–6
–10
–12
–14
CL = 10pF
CL = 0
G = +2
RL = 1k
5VS
VIN = 50mV rms
RF = 1.2k
Figure 11. Flatness with 10 pF Capacitive Load
DRIVING A SINGLE-SUPPLY A/D CONVERTER
New CMOS A/D converters are placing greater demands on the
amplifiers that drive them. Higher resolutions, faster conversion
rates, and input switching irregularities require superior settling
characteristics. In addition, these devices run off a single +5 V
supply and consume little power, so good single-supply operation
with low power consumption is very important. The AD8004 is
well positioned for driving this new class of A/D converters.
Figure 12 shows a circuit that uses an AD8004 to drive an
AD876, a single supply, 10-bit, 20 MSPS A/D converter that
requires only 140 mW. Using the AD8004 for level shifting and
driving, the A/D exhibits no degradation in performance com-
pared to when it is driven from a signal generator.
The analog input of the AD876 spans 2 V centered at about
2.6 V. The resistor network and bias voltages provide the level
shifting and gain required to convert the 0 V to 1 V input signal
to a 3.6 V to 1.6 V range that the AD876 wants to see.
Biasing the noninverting input of the AD8004 at 1.6 V dc forces
the inverting input to be at 1.6 V dc for linear operation of the
amplifier. When the input is at 0 V, there is 3.2 mA flowing out
of the summing junction via R1 (1.6 V/499
Ω). R3 has a current
of 1.2 mA flowing into the summing junction (3.6 V – 1.6 V)/
1.65 k
Ω. The difference of these two currents (2 mA) must flow
through R2. This current flows toward the summing junction
and requires that the output be 2 V higher than the summing
junction or at 3.6 V.
When the input is at 1 V, there is 1.2 mA flowing into the sum-
ming junction through R3 and 1.2 mA flowing out through R1.
These currents balance and leave no current to flow through
R2. Thus the output is at the same potential as the inverting
input or 1.6 V.
The input of the AD876 has a series MOSFET switch that turns
on and off at the sampling rate. This MOSFET is connected to
a hold capacitor internal to the device. The on impedance of the
MOSFET is about 50
Ω, while the hold capacitor is about 5 pF.
In a worst case condition, the input voltage to the AD876 will
change by a full-scale value (2 V) in one sampling cycle. When
the input MOSFET turns on, the output of the op amp will be
connected to the charged hold capacitor through the series
resistance of the MOSFET. Without any other series resistance,
the instantaneous current that flows would be 40 mA. This
would cause settling problems for the op amp.
The series 100
Ω resistor limits the current that flows instanta-
neously after the MOSFET turns on to about 13 mA. This
resistor cannot be made too large or the high frequency perfor-
mance will be affected.
The sampling MOSFET of the AD876 is closed for only half of
each cycle or for 25 ns. Approximately seven time constants are
required for settling to 10 bits. The series 100
Ω resistor along
with the 50
Ω on resistance and the hold capacitor, create a
750 ps time constant. These values leave a comfortable margin
for settling. Obtaining the same results with the op amp A/D
combination as compared to driving with a signal generator
indicates that the op amp is settling fast enough.
Overall the AD8004 provides adequate buffering for the AD876
A/D converter without introducing distortion greater than that
of the A/D converter by itself.
3.6V
1.6V
+5V
10 F
R2
1k
R3
1.65k
R1
499k
3.6V
VIN
50
0.1 F
1.6V
1V
0V
100
+1.6V
+3.6V
REFT
REFB
0.1 F
0.1 F
1/4
AD8004
AD876
Figure 12. AD8004 Driving the AD876
LAYOUT CONSIDERATIONS
The specified high speed performance of the AD8004 requires
careful attention to board layout and component selection.
Table I shows the recommended component values for the
AD8004 and Figures 14–16 show the layout for the AD8004
evaluation boards (14-lead DIP and SOIC). Proper RF design
techniques and low parasitic component selection are mandatory.


Similar Part No. - AD8004_03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8004AN AD-AD8004AN Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AN AD-AD8004AN Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004AN AD-AD8004AN Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8004ANZ AD-AD8004ANZ Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8004AR AD-AD8004AR Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
More results

Similar Description - AD8004_03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8004 AD-AD8004_15 Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004 AD-AD8004 Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AR AD-AD8004AR Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004ANZ AD-AD8004ANZ Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com