Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8009AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD8009AR
Description  1 GHz, 5,500 V/??Low Distortion Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8009AR Datasheet(HTML) 1 Page - Analog Devices

  AD8009AR Datasheet HTML 1Page - Analog Devices AD8009AR Datasheet HTML 2Page - Analog Devices AD8009AR Datasheet HTML 3Page - Analog Devices AD8009AR Datasheet HTML 4Page - Analog Devices AD8009AR Datasheet HTML 5Page - Analog Devices AD8009AR Datasheet HTML 6Page - Analog Devices AD8009AR Datasheet HTML 7Page - Analog Devices AD8009AR Datasheet HTML 8Page - Analog Devices AD8009AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
a
AD8009
REV. F
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
1 GHz, 5,500 V/ s
Low Distortion Amplifier
FUNCTIONAL BLOCK DIAGRAMS
8-Lead Plastic SOIC (R-8)
5-Lead SOT-23 (RT-5)
PRODUCT DESCRIPTION
The AD8009 is an ultrahigh speed current feedback amplifier
with a phenomenal 5,500 V/
µs slew rate that results in a rise
time of 545 ps, making it ideal as a pulse amplifier.
The high slew rate reduces the effect of slew rate limiting and
results in the large signal bandwidth of 440 MHz required for
high resolution video graphic systems. Signal quality is main-
tained over a wide bandwidth with worst-case distortion of
–40 dBc @ 250 MHz (G = +10, 1 V p-p). For applications with
multitone signals, such as IF signal chains, the third order
intercept (3IP) of 12 dBm is achieved at the same frequency. This
distortion performance coupled with the current feedback
architecture make the AD8009 a flexible component for a gain
stage amplifier in IF/RF signal chains.
The AD8009 is capable of delivering over 175 mA of load current
and will drive four back terminated video loads while maintaining
low differential gain and phase error of 0.02% and 0.04
°,
respectively. The high drive capability is also reflected in the
ability to deliver 10 dBm of output power @ 70 MHz with
–38 dBc SFDR.
The AD8009 is available in a small SOIC package and will
operate over the industrial temperature range –40
°C to +85°C.
The AD8009 is also available in an SOT-23-5 and will operate
over the commercial temperature range of 0
°C to 70°C.
–30
–80
–40
–50
–60
–70
–100
–90
1
FREQUENCY RESPONSE (MHz)
70
10
G = 2
RF = 301
VO = 2V p-p
SECOND
150
LOAD
SECOND
100
LOAD
THIRD
150
LOAD
THIRD
100
LOAD
Figure 2. Distortion vs. Frequency; G = +2
FEATURES
Ultrahigh Speed
5,500 V/ s Slew Rate, 4 V Step, G = +2
545 ps Rise Time, 2 V Step, G = +2
Large Signal Bandwidth
440 MHz, G = +2
320 MHz, G = +10
Small Signal Bandwidth (–3 dB)
1 GHz, G = +1
700 MHz, G = +2
Settling Time 10 ns to 0.1%, 2 V Step, G = +2
Low Distortion over Wide Bandwidth
SFDR
–66 dBc @ 20 MHz, Second Harmonic
–75 dBc @ 20 MHz, Third Harmonic
Third Order Intercept (3IP)
26 dBm @ 70 MHz, G = +10
Good Video Specifications
Gain Flatness 0.1 dB to 75 MHz
0.01% Differential Gain Error, RL = 150
0.01 Differential Phase Error, RL = 150
High Output Drive
175 mA Output Load Drive
10 dBm with –38 dBc SFDR @ 70 MHz, G = +10
Supply Operation
+5 V to
5 V Voltage Supply
14 mA (Typ) Supply Current
APPLICATIONS
Pulse Amplifier
IF/RF Gain Stage/Amplifiers
High Resolution Video Graphics
High Speed Instrumentations
CCD Imaging Amplifier
FREQUENCY RESPONSE (MHz)
1
2
1
–8
0
–1
–2
–3
–4
–5
–6
–7
1000
10
100
G = +2
RF = 301
RL = 150
G = +10
RF = 200
RL = 100
VO = 2V p-p
Figure 1. Large Signal Frequency Response; G = +2 and +10
1
VOUT
AD8009
–VS
+IN
2
34
5
+VS
–IN
1
2
3
4
8
7
6
5
NC = NO CONNECT
AD8009
NC
–IN
+IN
–VS
NC
OUT
+VS
NC


Similar Part No. - AD8009AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8009AR AD-AD8009AR Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009AR-REEL AD-AD8009AR-REEL Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART AD-AD8009ART Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART-REEL AD-AD8009ART-REEL Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART-REEL7 AD-AD8009ART-REEL7 Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
More results

Similar Description - AD8009AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8009 AD-AD8009 Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com