Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28409ZXCT Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY28409ZXCT
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28409ZXCT Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button CY28409ZXCT Datasheet HTML 4Page - SpectraLinear Inc CY28409ZXCT Datasheet HTML 5Page - SpectraLinear Inc CY28409ZXCT Datasheet HTML 6Page - SpectraLinear Inc CY28409ZXCT Datasheet HTML 7Page - SpectraLinear Inc CY28409ZXCT Datasheet HTML 8Page - SpectraLinear Inc CY28409ZXCT Datasheet HTML 9Page - SpectraLinear Inc CY28409ZXCT Datasheet HTML 10Page - SpectraLinear Inc CY28409ZXCT Datasheet HTML 11Page - SpectraLinear Inc CY28409ZXCT Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CY28409
Rev 1.0, November 22, 2006
Page 8 of 16
Calculating Load Capacitors
In addition to the standard external trim capacitors, trace
capacitance and pin capacitance must also be considered to
correctly calculate crystal loading. As mentioned previously,
the capacitance on each side of the crystal is in series with the
crystal. This means the total capacitance on each side of the
crystal must be twice the specified crystal load capacitance
(CL). While the capacitance on each side of the crystal is in
series with the crystal, trim capacitors (Ce1,Ce2) should be
calculated to provide equal capacitive loading on both sides.
Use the following formulas to calculate the trim capacitor
values for Ce1 and Ce2.
CL....................................................Crystal load capacitance
CLe......................................... Actual loading seen by crystal
using standard value trim capacitors
Ce..................................................... External trim capacitors
Cs .............................................. Stray capacitance (terraced)
Ci ...........................................................Internal capacitance
(lead frame, bond wires etc.)
PD# (Power-down) Clarification
The PD# (Power-down) pin is used to shut off ALL clocks prior
to shutting off power to the device. PD# is an asynchronous
active LOW input. This signal is synchronized internally to the
device powering down the clock synthesizer. PD# is an
asynchronous function for powering up the system. When PD#
is LOW, all clocks are driven to a LOW value and held there
and the VCO and PLLs are also powered down. All clocks are
shut down in a synchronous manner so as not to cause
glitches while changing to the low ‘stopped’ state.
PD# Assertion
When PD# is sampled LOW by two consecutive rising edges
of the CPUC clock then all clock outputs (except CPU) clocks
must be held LOW on their next HIGH-to-LOW transition. CPU
clocks must be held with CPU clock pin driven HIGH with a
value of 2 x Iref and CPUC undriven. Due to the state of
internal logic, stopping and holding the REF clock outputs in
the LOW state may require more than one clock cycle to
complete
XTAL
Ce 2
Ce 1
Cs 1
Cs 2
X1
X2
Ci1
Ci2
Clo c k Ch ip
( C Y 28409)
Tr a c e
2. 8 p F
Tr im
33pF
Pin
3 t o 6p
Figure 2. Crystal Loading Example
Load Capacitance (each side)
Total Capacitance (as seen by the crystal)
Ce = 2 * CL – (Cs + Ci)
Ce1 + Cs1 + Ci1
1
+
Ce2 + Cs2 + Ci2
1
()
1
=
CLe
PD#
3V66, 66MHz
USB, 48MHz
PCI, 33MHz
REF
SRCT 100MHz
SRCC 100MHz
CPUC, 133MHz
CPUT, 133MHz
Figure 3. Power-down Assertion Timing Waveform


Similar Part No. - CY28409ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28409ZXCT CYPRESS-CY28409ZXCT Datasheet
345Kb / 17P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results

Similar Description - CY28409ZXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409 Datasheet
330Kb / 18P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28419 CYPRESS-CY28419 Datasheet
275Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28419 SPECTRALINEAR-CY28419 Datasheet
207Kb / 15P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28405-3 SPECTRALINEAR-CY28405-3 Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409_06 Datasheet
345Kb / 17P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com