Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8042AN Datasheet(PDF) 4 Page - Analog Devices

Part # AD8042AN
Description  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042AN Datasheet(HTML) 4 Page - Analog Devices

  AD8042AN Datasheet HTML 1Page - Analog Devices AD8042AN Datasheet HTML 2Page - Analog Devices AD8042AN Datasheet HTML 3Page - Analog Devices AD8042AN Datasheet HTML 4Page - Analog Devices AD8042AN Datasheet HTML 5Page - Analog Devices AD8042AN Datasheet HTML 6Page - Analog Devices AD8042AN Datasheet HTML 7Page - Analog Devices AD8042AN Datasheet HTML 8Page - Analog Devices AD8042AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8042
Rev. E | Page 4 of 16
TA = 25°C, VS = 3 V, RL = 2 kΩ to 1.5 V, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth, VO < 0.5 V p-p
G = +1
120
140
MHz
Bandwidth for 0.1 dB Flatness
G = +2, RL = 150 Ω, RF = 200 Ω
11
MHz
Slew Rate
G = −1, VOUT = 2 V step
120
170
V/μs
Full Power Response
VO = 2 V p-p
25
MHz
Settling Time to 1%
G = −1, VOUT = 1 V step
30
ns
Settling Time to 0.1%
45
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VOUT = 2 V p-p, G = −1, RL = 100 Ω
–56
dB
Input Voltage Noise
f = 10 kHz
16
nV/√Hz
Input Current Noise
f = 10 kHz
500
fA/√Hz
Differential Gain Error (NTSC, 100 IRE)
G = +2, RL = 150 Ω to 1.5 V, Input VCM = 1 V
0.10
%
RL = 75 Ω to 1.5 V, Input VCM = 1 V
0.10
%
Differential Phase Error (NTSC, 100 IRE)
G = +2, RL = 150 Ω to 1.5 V, Input VCM = 1 V
0.12
Degrees
RL = 75 Ω to 1.5 V, Input VCM = 1 V
0.27
Degrees
Worst-Case Crosstalk
f = 5 MHz, RL = 1 kΩ to 1.5 V
–68
dB
DC PERFORMANCE
Input Offset Voltage
3
9
mV
TMIN to TMAX
12
mV
Offset Drift
12
μV/°C
Input Bias Current
1.2
3.2
μA
TMIN to TMAX
4.8
μA
Input Offset Current
0.2
0.6
μA
Open-Loop Gain
RL = 1 kΩ
90
100
dB
TMIN to TMAX
90
dB
INPUT CHARACTERISTICS
Input Resistance
300
Input Capacitance
1.5
pF
Input Common-Mode Voltage Range
–0.2 to +2
V
Common-Mode Rejection Ratio
VCM = 0 V to 1.5 V
66
74
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 kΩ to 1.5 V
0.03 to 2.97
V
RL = 1 kΩ to 1.5 V
0.1 to 2.9
0.05 to 2.95
V
RL = 50 Ω to 1.5 V
0.3 to 2.6
0.25 to 2.65
V
Output Current
TMIN to TMAX, VOUT = 0.5 V to 2.5 V
50
mA
Short-Circuit Current
Sourcing
50
mA
Sinking
70
mA
Capacitive Load Drive
G = +1
17
pF
POWER SUPPLY
Operating Range
3
12
V
Quiescent Current (Per Amplifier)
5.5
6.4
mA
Power Supply Rejection Ratio
VS– = 0 V to –1 V, or VS+ = 3 V to 4 V
68
80
dB
OPERATING TEMPERATURE RANGE
0
70
°C


Similar Part No. - AD8042AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042AN AD-AD8042AN Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
More results

Similar Description - AD8042AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com