Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8047AN Datasheet(PDF) 9 Page - Analog Devices

Part # AD8047AN
Description  250 MHz, General Purpose Voltage Feedback Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8047AN Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8047AN Datasheet HTML 5Page - Analog Devices AD8047AN Datasheet HTML 6Page - Analog Devices AD8047AN Datasheet HTML 7Page - Analog Devices AD8047AN Datasheet HTML 8Page - Analog Devices AD8047AN Datasheet HTML 9Page - Analog Devices AD8047AN Datasheet HTML 10Page - Analog Devices AD8047AN Datasheet HTML 11Page - Analog Devices AD8047AN Datasheet HTML 12Page - Analog Devices AD8047AN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
AD8047/AD8048
–9–
–90
–110
–70
–50
–30
100M
1M
100k
10k
–40
–20
–60
–80
–100
–120
10M
SECOND HARMONIC
THIRD HARMONIC
FREQUENCY (Hz)
R
L = 100
V
OUT = 2V p-p
TPC 31. AD8048 Harmonic Distortion vs. Frequency,
G = +2
–15
–70
1.5
5.5
2.5
3.5
4.5
6.5
–55
–65
–25
–35
–45
SECOND HARMONIC
THIRD HARMONIC
–20
–60
–30
–40
–50
OUTPUT SWING (V p-p)
f = 20MHz
R
L = 1k
R
F = 200
TPC 32. AD8048 Harmonic Distortion vs. Output
Swing, G = +2
0.04
–0.04
0.00
–0.02
0.02
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
0.04
–0.04
0.00
–0.02
0.02
TPC 33. AD8048 Differential Gain and Phase Error,
G = +2, RL = 150
Ω, RF = 200 Ω, RIN = 200 Ω
SETTLING TIME (ns)
0.5
0.4
–0.4
010
20
0.0
–0.1
–0.2
–0.3
0.2
0.1
0.3
–0.5
515
25
35
45
30
40
R
L = 100
R
F = 200
V
OUT = 2V STEP
TPC 34. AD8048 Short-Term Settling Time, G = +2
SETTLING TIME ( s)
0.25
0.20
–0.20
04
8
0.0
–0.05
–0.10
–0.15
0.10
0.05
0.15
–0.25
26
10
14
18
12
16
R
L = 100
R
F = 200
V
OUT = 2V STEP
TPC 35. AD8048 Long-Term Settling Time 2 V
Step, G = +2
17
13
3
100
100k
10k
1k
10
15
9
11
5
7
FREQUENCY (Hz)
TPC 36. AD8048 Noise vs. Frequency


Similar Part No. - AD8047AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8047AN AD-AD8047AN Datasheet
478Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. 0
AD8047AN AD-AD8047AN Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047AN AD-AD8047AN Datasheet
438Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047AN AD-AD8047AN Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ANZ AD-AD8047ANZ Datasheet
438Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
More results

Similar Description - AD8047AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8047 AD-AD8047_15 Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ANZ AD-AD8047ANZ Datasheet
438Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048 AD-AD8048_15 Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ANZ AD-AD8047ANZ Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047 AD-AD8047 Datasheet
478Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. 0
AD8047ARZ AD-AD8047ARZ Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741 Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
3PEAK INC.
LM2904A 3PEAK-LM2904A Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM321A 3PEAK-LM321A Datasheet
1Mb / 17P
   36V General Purpose Op Amps
Rev.0.02
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com