Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8042AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD8042AR
Description  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042AR Datasheet(HTML) 1 Page - Analog Devices

  AD8042AR Datasheet HTML 1Page - Analog Devices AD8042AR Datasheet HTML 2Page - Analog Devices AD8042AR Datasheet HTML 3Page - Analog Devices AD8042AR Datasheet HTML 4Page - Analog Devices AD8042AR Datasheet HTML 5Page - Analog Devices AD8042AR Datasheet HTML 6Page - Analog Devices AD8042AR Datasheet HTML 7Page - Analog Devices AD8042AR Datasheet HTML 8Page - Analog Devices AD8042AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual 160 MHz
Rail-to-Rail Amplifier
AD8042
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Single AD8041 and quad AD8044 also available
Fully specified at +3 V, +5 V, and ±5 V supplies
Output swings to within 30 mV of either rail
Input voltage range extends 200 mV below ground
No phase reversal with inputs 0.5 V beyond supplies
Low power of 5.2 mA per amplifier
High speed and fast settling on 5 V
160 MHz, −3 dB bandwidth (G = +1)
200 V/μs slew rate
39 ns settling time to 0.1%
Good video specifications (RL = 150 Ω, G = +2)
Gain flatness of 0.1 dB to 14 MHz
0.02% differential gain error
0.04° differential phase error
Low distortion: −64 dBc worst harmonic @ 10 MHz
Drives 50 mA 0.5 V from supply rails
APPLICATIONS
Video switchers
Distribution amplifiers
Analog-to-digital drivers
Professional cameras
CCD Imaging systems
Ultrasound equipment (multichannel)
GENERAL DESCRIPTION
The AD8042 is a low power voltage feedback, high speed amplifier
designed to operate on +3 V, +5 V, or ±5 V supplies. It has true
single-supply capability with an input voltage range extending
200 mV below the negative rail and within 1 V of the positive rail.
2.5V
5.0V
0V
G = +1
RL = 2kΩ TO 2.5V
1V
1µs
Figure 1. Output Swing: Gain = +1, VS = +5 V
CONNECTION DIAGRAM
8
7
6
5
OUT1
–IN1
+IN1
–VS
OUT2
+VS
–IN2
+IN2
1
2
3
4
AD8042
Figure 2. 8-Lead PDIP and 8-Lead SOIC_N
The output voltage swing extends to within 30 mV of each rail,
providing the maximum output dynamic range. Additionally, it
features gain flatness of 0.1 dB to 14 MHz while offering differential
gain and phase error of 0.04% and 0.06° on a single 5 V supply.
This combination of features makes the AD8042 useful for
professional video electronics, such as cameras, video switchers,
or any high speed portable equipment. The low distortion and
fast settling of the AD8042 make it ideal for buffering single-
supply, high speed analog-to-digital converters (ADCs).
The AD8042 offers a low power supply current of 12 mA
maximum and can run on a single 3.3 V power supply. These
features are ideally suited for portable and battery-powered
applications where size and power are critical.
The wide bandwidth of 160 MHz along with 200 V/μs of slew
rate on a single 5 V supply make the AD8042 useful in many
general-purpose, high speed applications where single supplies
from +3.3 V to +12 V and dual power supplies of up to ±6 V are
needed. The AD8042 is available in 8-lead PDIP and 8-lead
SOIC_N packages.
15
12
9
6
3
0
–3
–6
–9
–12
–15
1
500
100
10
FREQUENCY (MHz)
VS = 5V
G = +1
CL = 5pF
RL = 2kΩ TO 2.5V
Figure 3. Frequency Response


Similar Part No. - AD8042AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042AR AD-AD8042AR Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042AR-REEL AD-AD8042AR-REEL Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042AR-REEL7 AD-AD8042AR-REEL7 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042ARZ AD-AD8042ARZ Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042ARZ-REEL AD-AD8042ARZ-REEL Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
More results

Similar Description - AD8042AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com