Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8062AR Datasheet(PDF) 2 Page - Analog Devices

Part # AD8062AR
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062AR Datasheet(HTML) 2 Page - Analog Devices

  AD8062AR Datasheet HTML 1Page - Analog Devices AD8062AR Datasheet HTML 2Page - Analog Devices AD8062AR Datasheet HTML 3Page - Analog Devices AD8062AR Datasheet HTML 4Page - Analog Devices AD8062AR Datasheet HTML 5Page - Analog Devices AD8062AR Datasheet HTML 6Page - Analog Devices AD8062AR Datasheet HTML 7Page - Analog Devices AD8062AR Datasheet HTML 8Page - Analog Devices AD8062AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8061/AD8062/AD8063
Rev. E | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagrams...................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 6
Maximum Power Dissipation ..................................................... 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ............................................. 7
Circuit Description......................................................................... 14
Headroom Considerations........................................................ 14
Overload Behavior and Recovery ............................................ 15
Capacitive Load Drive ............................................................... 16
Disable Operation ...................................................................... 16
Board Layout Considerations ................................................... 16
Applications Information .............................................................. 17
Single-Supply Sync Stripper...................................................... 17
RGB Amplifier ............................................................................ 17
Multiplexer .................................................................................. 18
Outline Dimensions ....................................................................... 19
Ordering Guide .......................................................................... 20
REVISION HISTORY
10/07—Rev. D to Rev. E
Changes to Applications .................................................................. 1
Updated Outline Dimensions ....................................................... 19
12/05—Rev. C to Rev. D
Updated Format..................................................................Universal
Change to Features and General Description............................... 1
Updated Outline Dimensions ....................................................... 19
Changes to Ordering Guide .......................................................... 20
5/01—Rev. B to Rev. C
Replaced TPC 9 with new graph .................................................... 7
11/00—Rev. A to Rev. B
2/00—Rev. 0 to Rev. A
11/99—Revision 0: Initial Version


Similar Part No. - AD8062AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8062AR AD-AD8062AR Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8062AR AD-AD8062AR Datasheet
452Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8062AR-REEL AD-AD8062AR-REEL Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8062AR-REEL AD-AD8062AR-REEL Datasheet
452Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8062AR-REEL7 AD-AD8062AR-REEL7 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
More results

Similar Description - AD8062AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8061 AD-AD8061 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8063 AD-AD8063_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8061 AD-AD8061_05 Datasheet
452Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8648 AD-AD8648 Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com