Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM82 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM82 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM82_04 Datasheet HTML 1Page - National Semiconductor (TI) LM82_04 Datasheet HTML 2Page - National Semiconductor (TI) LM82_04 Datasheet HTML 3Page - National Semiconductor (TI) LM82_04 Datasheet HTML 4Page - National Semiconductor (TI) LM82_04 Datasheet HTML 5Page - National Semiconductor (TI) LM82_04 Datasheet HTML 6Page - National Semiconductor (TI) LM82_04 Datasheet HTML 7Page - National Semiconductor (TI) LM82_04 Datasheet HTML 8Page - National Semiconductor (TI) LM82_04 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Connection Diagram
QSOP-16
10129702
TOP VIEW
Ordering Information
Order
Number
NS Package
Number
Transport
Media
LM82CIMQA
MQA16A
(QSOP-16)
95 Units in
Rail
LM82CIMQAX
MQA16A
(QSOP-16)
2500 Units on
Tape and Reel
Typical Application
10129703
www.national.com
2


Similar Part No. - LM82_04

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM8205D LEIDITECH-LM8205D Datasheet
853Kb / 4P
   Dual N-Channel 20V,SOT-26 M0SFET
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
   TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Texas Instruments
LM8207 TI1-LM8207 Datasheet
1Mb / 32P
[Old version datasheet]   LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
National Semiconductor ...
LM8207MT NSC-LM8207MT Datasheet
1Mb / 22P
   TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Texas Instruments
LM8207MT/NOPB TI1-LM8207MT/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
More results

Similar Description - LM82_04

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI-LM82_15 Datasheet
713Kb / 25P
[Old version datasheet]   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
[Old version datasheet]   Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
[Old version datasheet]   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
[Old version datasheet]   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
logo
National Semiconductor ...
LM89 NSC-LM89 Datasheet
745Kb / 20P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
   3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM83 NSC-LM83 Datasheet
331Kb / 20P
   Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com