Selected language     English  ▼


LM334SMX Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM334SMX
Description  3-Terminal Adjustable Current Sources
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 8 page
background image
Application Hints (Continued)
If the forward voltage drop of the diode was 0.65V instead of
the estimate of 0.6V (an error of 8%), the actual set current
will be
an error of less than 5%.
If the estimate for the tempco of the diode’s forward voltage
drop was off, the tempco cancellation is still reasonably
effective. Assume the tempco of the diode is 2.6mV/˚C in-
stead of 2.5mV/˚C (an error of 4%). The tempco of the circuit
is now:
A 1mA LM134 current source with no temperature compen-
sation would have a set resistor of 68
Ω and a resulting
tempco of
So even if the diode’s tempco varies as much as ±4% from
its estimated value, the circuit still eliminates 98% of the
LM134’s inherent tempco.
Typical Applications
Ground Referred Fahrenheit Thermometer
00569715
*Select R3 = VREF/583µA. VREF may be any stable positive voltage ≥ 2V
Trim R3 to calibrate
Terminating Remote Sensor for Voltage Output
00569714
Low Output Impedance Thermometer
00569706
*Output impedance of the LM134 at the “R” pin is approximately
where R2 is the equivalent external resistance connected from the V
pin
to ground. This negative resistance can be reduced by a factor of 5 or
more by inserting an equivalent resistor R3 =(R2/16) in series with the
output.
Low Output Impedance Thermometer
00569716
www.national.com
8




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM134_03THREE TERMINAL ADJUSTABLE CURRENT SOURCES 1 2 3 4 5 MoreSTMicroelectronics
NCP15211.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
AS36914 Precision 400mA Current Sources for RGB and Single Color Leds 1 2 3 ams AG
AMC3171.2A / 3-TERMINAL ADJUSTABLE REGULATOR 1 2 3 4 5 MoreADDtek Corp
NCP15223.0 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
AZ317_073-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
SP3173-Terminal 1 Amp Adjustable Voltage Regulator 1 2 3 4 5 MoreSipex Corporation
LR8_07High Input Voltage Adjustable 3-Terminal Linear Regulator 1 2 3 4 5 MoreSupertex, Inc
NCP90011.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl