Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8502 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8502
Description  1 關A Micropower CMOS Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8502 Datasheet(HTML) 4 Page - Analog Devices

  AD8502 Datasheet HTML 1Page - Analog Devices AD8502 Datasheet HTML 2Page - Analog Devices AD8502 Datasheet HTML 3Page - Analog Devices AD8502 Datasheet HTML 4Page - Analog Devices AD8502 Datasheet HTML 5Page - Analog Devices AD8502 Datasheet HTML 6Page - Analog Devices AD8502 Datasheet HTML 7Page - Analog Devices AD8502 Datasheet HTML 8Page - Analog Devices AD8502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8502/AD8504
Rev. 0 | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
NOISE PERFORMANCE
Peak-to-Peak Noise
0.1 Hz to 10 Hz
6
μV p-p
Voltage Noise Density
en
f = 1 kHz
190
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.1
pA/√Hz
@ VS = 1.8 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0 V < VCM < 1.8 V
0.5
3
mV
−40°C < TA < +85°C
5
mV
−40°C < TA < +125°C
5.5
mV
Offset Voltage Drift
∆VOS/∆T
−40°C < TA < +85°C
7
μV/°C
−40°C < TA < +125°C
5
μV/°C
Input Bias Current
IB
0 V < VCM < 1.8 V
1
10
pA
−40°C < TA < +85°C
100
pA
−40°C < TA < +125°C
600
pA
Input Offset Current
IOS
0 V < VCM < 1.8 V
0.5
5
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
100
pA
Input Voltage Range
IVR
0
1.8
V
Common-Mode Rejection Ratio
CMRR
0 V < VCM < 1.8 V
59
75
dB
−40°C < TA < +85°C
56
dB
−40°C < TA < +125°C
55
dB
Large Signal Voltage Gain
AVO
0.1 V < VOUT < 1.7 V; RLOAD = 1 MΩ
88
110
dB
0.1 V < VOUT < 1.7 V; −40°C < TA < +85°C
80
dB
0.1 V < VOUT < 1.7 V; −40°C < TA < +125°C
65
dB
Input Capacitance
CDIFF
2
pF
CCM
4.5
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RLOAD = 100 kΩ to GND
1.79
1.795
V
−40°C < TA < +85°C
1.78
V
−40°C to +125°C
1.77
V
RLOAD = 10 kΩ to GND
1.75
1.764
V
−40°C < TA < +85°C
1.70
V
−40°C to +125°C
1.65
V
Output Voltage Low
VOL
RLOAD = 100 kΩ to VS
1.0
5
mV
−40°C < TA < +85°C
6
mV
−40°C to +125°C
7
mV
RLOAD = 10 kΩ to VS
10
20
mV
−40°C < TA < +85°C
28
mV
−40°C to +125°C
29
mV
Short-Circuit Current
ISC
±5
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
1.8 V < VS < 5 V
85
105
dB
−40°C < TA < +85°C
66
dB
−40°C < TA < +125°C
66
dB
Supply Current/Amplifier
ISY
VO = VS/2
0.65
1
μA
−40°C < TA < +85°C
1.5
μA
−40°C < TA < +125°C
2
μA


Similar Part No. - AD8502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8502 AD-AD8502 Datasheet
155Kb / 6P
   1關 Micropower Precision CMOS Operational Amplifier
Rev. PrB
AD8502 AD-AD8502 Datasheet
696Kb / 24P
   22 關A, RRIO, CMOS, 18 V
REV. B
AD8502 AD-AD8502 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
AD8502ARJZ-R2 AD-AD8502ARJZ-R2 Datasheet
525Kb / 16P
   1 muA Micropower CMOS Operational Amplifiers
REV. A
AD8502ARJZ-REEL AD-AD8502ARJZ-REEL Datasheet
525Kb / 16P
   1 muA Micropower CMOS Operational Amplifiers
REV. A
More results

Similar Description - AD8502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8504ARUZ AD-AD8504ARUZ Datasheet
525Kb / 16P
   1 muA Micropower CMOS Operational Amplifiers
REV. A
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV6390 STMICROELECTRONICS-TSV6390 Datasheet
1Mb / 22P
   Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
logo
Analog Devices
AD8502 AD-AD8502 Datasheet
155Kb / 6P
   1關 Micropower Precision CMOS Operational Amplifier
Rev. PrB
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV629X STMICROELECTRONICS-TSV629X Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Shenzhen Huazhimei Semi...
HM8521 HMSEMI-HM8521 Datasheet
1Mb / 12P
   3.4關A, 90kHz, RRIO CMOS Operational Amplifiers
HM8631 HMSEMI-HM8631 Datasheet
2Mb / 13P
   520關A, 6.5MHz, RRIO CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com