Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8567ARUZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8567ARUZ
Description  16 V Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8567ARUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8567ARUZ Datasheet HTML 2Page - Analog Devices AD8567ARUZ Datasheet HTML 3Page - Analog Devices AD8567ARUZ Datasheet HTML 4Page - Analog Devices AD8567ARUZ Datasheet HTML 5Page - Analog Devices AD8567ARUZ Datasheet HTML 6Page - Analog Devices AD8567ARUZ Datasheet HTML 7Page - Analog Devices AD8567ARUZ Datasheet HTML 8Page - Analog Devices AD8567ARUZ Datasheet HTML 9Page - Analog Devices AD8567ARUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8565/AD8566/AD8567
Rev. D | Page 6 of 16
LOAD CAPACITANCE (pF)
100
90
0
80
70
60
50
40
30
20
10
–OS
+OS
10
100
1k
VS = 16V
VIN = 100mV p-p
RL = 10kΩ
AV = +1
TA = 25°C
Figure 11. Small Signal Overshoot vs. Load Capacitance
FREQUENCY (Hz)
0
2
4
6
8
10
12
14
16
18
10
100
1k
10k
100k
1M
10M
VS = 16V
AV = +1
RL = 10kΩ
DISTORTION < 1%
TA = 25°C
Figure 12. Closed-Loop Output Swing vs. Frequency
FREQUENCY (Hz)
10
20
30
40
50
60
0
10
100
1k
10k
100k
1M
10M
4.5V ≤ VS ≤ 16V
RL = 10kΩ
CL = 40pF
TA = 25°C
AVCL = –100
AVCL = –10
AVCL = +1
Figure 13. Closed-Loop Gain vs. Frequency
100
80
60
40
20
FREQUENCY (Hz)
45
90
135
180
0
225
270
0
1k
10k
100k
1M
10M
100M
VS = 16V
RL = 10kΩ
CL = 40pF
TA = 25°C
Figure 14. Open-Loop Gain and Phase Shift vs. Frequency
LOAD CURRENT (mA)
10
0.1
1
100
1k
0.001
0.01
0.1
1
10
100
TA = 25°C
VS = 4.5V
VS = 16V
Figure 15. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
150
135
120
105
90
75
60
45
30
15
0
ISINK = 5mA
VS = 4.5V
VS = 16V
–40
25
85
Figure 16. Output Voltage Swing to Rail vs. Temperature


Similar Part No. - AD8567ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8567ARUZ AD-AD8567ARUZ Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
AD8567ARUZ-REEL AD-AD8567ARUZ-REEL Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
More results

Similar Description - AD8567ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
   16 MHz rail-to-rail CMOS 16 V operational amplifiers
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
   10 MHz rail-to-rail CMOS 16 V operational amplifiers
January 2016 Rev 4
logo
Analog Devices
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com