Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8216 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8216
Description  High Bandwidth, Bidirectional 65 V Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8216 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8216 Datasheet HTML 6Page - Analog Devices AD8216 Datasheet HTML 7Page - Analog Devices AD8216 Datasheet HTML 8Page - Analog Devices AD8216 Datasheet HTML 9Page - Analog Devices AD8216 Datasheet HTML 10Page - Analog Devices AD8216 Datasheet HTML 11Page - Analog Devices AD8216 Datasheet HTML 12Page - Analog Devices AD8216 Datasheet HTML 13Page - Analog Devices AD8216 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8216
Rev. 0 | Page 10 of 16
THEORY OF OPERATION
The AD8216 is a single-supply difference amplifier typically used
to accurately amplify a small differential current shunt voltage in
the presence of a rapidly changing common-mode voltage.
The AD8216 consists of an amplifier (A1), a resistor network,
a small voltage reference, and a bias circuit (not shown),
see Figure 23.
The set of input attenuators preceding A1 consist of RA, RB, and
R
B
C
, which feature a combined series resistance of approximately
200 kΩ ± 20%. The purpose of these resistors is to attenuate the
input voltage to match the input voltage range of A1. This
balanced resistor network attenuates the common-mode signal
by a ratio of 1/18. A1 amplifier inputs are held within the power
supply range, even if Pin 1 and Pin 8 exceed the supply or fall
below common (ground). A reference voltage of 250 mV biases
the attenuator above ground, which allows the amplifier to
operate in the presence of negative common-mode voltages.
The input resistor network also attenuates normal (differential)
mode voltages. Therefore, Amplifier A1 features a gain of
54 V/V to provide a total system gain of 3V/V.
Total Gain (V/V) = 1/18 (V/V) × 54 (V/V) = 3 V/V
The reference inputs, VREF1 and VREF2, are tied through resistors
to the positive input of A1, which allows the output offset to be
adjusted anywhere in the output operating range. The gain is
1 V/V from the reference pins to the output when the reference
pins are used in parallel. When they are used to divide the supply,
the gain is 0.5 V/V.
The ratios of RA, RB, R
B
C
, and RF are trimmed to a high level of
precision to allow the CMRR to exceed 80 dB. This performance is
accomplished by laser trimming the resistor ratio matching to
better than 0.01%.
AD8216
+IN
–IN
250mV
GND
A1
RA
RA
RB
RB
RF
RC
RC
VOUT
RREF
RREF
VREF1
VREF2
Figure 23. Simplified Schematic


Similar Part No. - AD8216

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
AD8216 AAVID-AD8216 Datasheet
375Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
AD8216 AAVID-AD8216 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Analog Devices
AD8216 AD-AD8216 Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
AD8216 AD-AD8216 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
AD8216 AD-AD8216 Datasheet
381Kb / 20P
   Programmable Gain Precision Difference Amplifier
Rev. 0
More results

Similar Description - AD8216

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8216 AD-AD8216_15 Datasheet
377Kb / 16P
   High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. B
logo
Texas Instruments
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
logo
Analog Devices
AD8207 AD-AD8207 Datasheet
441Kb / 16P
   Zero-Drift, High Voltage, Bidirectional Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8271 TI1-LMP8271 Datasheet
449Kb / 17P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
INA592 TI1-INA592 Datasheet
442Kb / 20P
[Old version datasheet]   High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA592 TI-INA592_V04 Datasheet
3Mb / 48P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V01 Datasheet
2Mb / 42P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V03 Datasheet
3Mb / 45P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com