Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8572ARU Datasheet(PDF) 1 Page - Analog Devices

Part # AD8572ARU
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8572ARU Datasheet(HTML) 1 Page - Analog Devices

  AD8572ARU Datasheet HTML 1Page - Analog Devices AD8572ARU Datasheet HTML 2Page - Analog Devices AD8572ARU Datasheet HTML 3Page - Analog Devices AD8572ARU Datasheet HTML 4Page - Analog Devices AD8572ARU Datasheet HTML 5Page - Analog Devices AD8572ARU Datasheet HTML 6Page - Analog Devices AD8572ARU Datasheet HTML 7Page - Analog Devices AD8572ARU Datasheet HTML 8Page - Analog Devices AD8572ARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Zero-Drift, Single-Supply, Rail-to-Rail
Input/Output Operational Amplifiers
AD8571/AD8572/AD8574
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1999–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 1 μV
Input offset drift: 0.005 μV/°C
Rail-to-rail input and output swing
5 V/2.7 V single-supply operation
High gain: 145 dB typical
CMRR: 140 dB typical
PSRR: 130 dB typical
Ultralow input bias current: 10 pA typical
Low supply current: 750 μA/op amp
Overload recovery time: 50 μs
No external capacitors required
APPLICATIONS
Temperature sensors
Pressure sensors
Precision current sensing
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
PIN CONFIGURATIONS
V+
OUT A
NC
NC
NC = NO CONNECT
–IN A
+IN A
V–
NC
8
7
6
5
1
2
3
4
AD8571
TOP VIEW
(Not to Scale)
NC = NO CONNECT
AD8571
TOP VIEW
(Not to Scale)
NC 1
–IN A 2
+IN A 3
V– 4
NC
V+
OUT A
NC
8
7
6
5
Figure 1. 8-Lead MSOP
(RM Suffix)
Figure 2. 8-Lead SOIC
(R Suffix)
–IN A
+IN A
V–
OUT B
–IN B
+IN B
OUT A
V+
1
2
3
4
8
7
6
5
AD8572
TOP VIEW
(Not to Scale)
–IN A
+IN A
V–
OUT B
–IN B
+IN B
OUT A
V+
1
2
3
4
8
7
6
5
AD8572
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead TSSOP
(RU Suffix)
Figure 4. 8-Lead SOIC
(R Suffix)
OUT A 1
–IN A 2
+IN A 3
V+ 4
+IN B 5
OUT D
–IN D
+IN D
V–
+IN C
14
13
12
11
10
–IN B 6
OUT B 7
–IN C
OUT C
9
8
AD8574
TOP VIEW
(Not to Scale)
OUT A 1
–IN A 2
+IN A 3
V+ 4
+IN B 5
OUT D
–IN D
+IN D
V–
+IN C
14
13
12
11
10
–IN B 6
OUT B 7
–IN C
OUT C
9
8
AD8574
TOP VIEW
(Not to Scale)
Figure 5. 14-Lead TSSOP
(RU Suffix)
Figure 6. 14-Lead SOIC
(R Suffix)
GENERAL DESCRIPTION
This family of amplifiers has ultralow offset, drift, and bias
current. The AD8571, AD8572, and AD8574 are single, dual,
and quad amplifiers, respectively, featuring rail-to-rail input
and output swings. All are guaranteed to operate from 2.7 V to
5 V single supply.
The AD857x family provides benefits previously found only in
expensive auto-zeroing or chopper-stabilized amplifiers. Using
Analog Devices, Inc. topology, these zero-drift amplifiers
combine low cost with high accuracy. (No external capacitors
are required.) Using a patented spread-spectrum, auto-zero
technique, the AD857x family eliminates the intermodulation
effects from interaction of the chopping function with the
signal frequency in ac applications.
With an offset voltage of only 1 μV and drift of 0.005 μV/°C, the
AD857x family is perfectly suited for applications where error
sources cannot be tolerated. Position and pressure sensors,
medical equipment, and strain gage amplifiers benefit greatly
from nearly zero drift over their operating temperature range.
Many more systems require the rail-to-rail input and output
swings provided by the AD857x family.
The AD857x family is specified for the extended industrial/
automotive (−40°C to +125°C) temperature range. The AD8571
single amplifier is available in 8-lead MSOP and narrow 8-lead
SOIC packages. The AD8572 dual amplifier is available in
8-lead narrow SOIC and 8-lead TSSOP surface-mount packages.
The AD8574 quad amplifier is available in 14-lead narrow SOIC
and 14-lead TSSOP packages.


Similar Part No. - AD8572ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8572ARU AD-AD8572ARU Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8572ARU AD-AD8572ARU Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8572ARU-REEL AD-AD8572ARU-REEL Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8572ARUZ AD-AD8572ARUZ Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572ARUZ-REEL AD-AD8572ARUZ-REEL Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results

Similar Description - AD8572ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8571 AD-AD8571 Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com