Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28412 Datasheet(PDF) 10 Page - SpectraLinear Inc

Part # CY28412
Description  Clock Generator for Intel짰 Grantsdale Chipset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28412 Datasheet(HTML) 10 Page - SpectraLinear Inc

Back Button CY28412 Datasheet HTML 6Page - SpectraLinear Inc CY28412 Datasheet HTML 7Page - SpectraLinear Inc CY28412 Datasheet HTML 8Page - SpectraLinear Inc CY28412 Datasheet HTML 9Page - SpectraLinear Inc CY28412 Datasheet HTML 10Page - SpectraLinear Inc CY28412 Datasheet HTML 11Page - SpectraLinear Inc CY28412 Datasheet HTML 12Page - SpectraLinear Inc CY28412 Datasheet HTML 13Page - SpectraLinear Inc CY28412 Datasheet HTML 14Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CY28412
Rev 1.0, November 20, 2006
Page 10 of 16
Below is an example showing the relationship of clocks
coming up.
Figure 4. Power-down Deassertion Timing Waveform
DOT96C
PD
CPUC, 133MHz
CPUT, 133MHz
SRCC 100MHz
USB, 48MHz
DOT96T
SRCT 100MHz
Tstable
<1.8ms
PCI, 33MHz
REF
Tdrive_PWRDN#
<300 S, >200mV
FS_A, FS_B,FS_C
VTT_PW RGD#
PW RGD_VRM
VDD Clock Gen
Clock State
Clock Outputs
Clock VCO
0.2-0.3mS
Delay
State 0
State 2
State 3
Wait for
VTT_PW RGD#
Sample Sels
Off
Off
On
On
State 1
Device is not affected,
VTT_PW RGD# is ignored
Figure 5. VTT_PWRGD# Timing Diagram
VTT_PW R G D# = Low
Delay
> 0.25m S
S1
Power O ff
S0
V D D _A = 2.0V
Sam ple
Inputs straps
S2
Norm al
O peration
W ait for <1.8m s
Enable O utputs
S3
VTT_PW RG D # = toggle
VD D_A = off
Figure 6. Clock Generator Power-up/Run State Diagram


Similar Part No. - CY28412

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28412 CYPRESS-CY28412 Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
CY28412OC CYPRESS-CY28412OC Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
CY28412OCT CYPRESS-CY28412OCT Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
CY28412OXC CYPRESS-CY28412OXC Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
CY28412OXCT CYPRESS-CY28412OXCT Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
More results

Similar Description - CY28412

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28412 CYPRESS-CY28412 Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com