Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV431IM5X Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV431IM5X
Description  Low-Voltage (1.24V) Adjustable Precision Shunt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV431IM5X Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV431IM5X Datasheet HTML 1Page - National Semiconductor (TI) LMV431IM5X Datasheet HTML 2Page - National Semiconductor (TI) LMV431IM5X Datasheet HTML 3Page - National Semiconductor (TI) LMV431IM5X Datasheet HTML 4Page - National Semiconductor (TI) LMV431IM5X Datasheet HTML 5Page - National Semiconductor (TI) LMV431IM5X Datasheet HTML 6Page - National Semiconductor (TI) LMV431IM5X Datasheet HTML 7Page - National Semiconductor (TI) LMV431IM5X Datasheet HTML 8Page - National Semiconductor (TI) LMV431IM5X Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMV431/LMV431A/LMV431B
Low-Voltage (1.24V) Adjustable Precision Shunt
Regulators
General Description
The LMV431, LMV431A and LMV431B are precision 1.24V
shunt regulators capable of adjustment to 30V. Negative
feedback from the cathode to the adjust pin controls the
cathode voltage, much like a non-inverting op amp configu-
ration (Refer to Symbol and Functional diagrams). A two
resistor voltage divider terminated at the adjust pin controls
the gain of a 1.24V band-gap reference. Shorting the cath-
ode to the adjust pin (voltage follower) provides a cathode
voltage of a 1.24V.
The LMV431, LMV431A and LMV431B have respective ini-
tial tolerances of 1.5%, 1% and 0.5%, and functionally lends
themselves to several applications that require zener diode
type performance at low voltages. Applications include a 3V
to 2.7V low drop-out regulator, an error amplifier in a 3V
off-line switching regulator and even as a voltage detector.
These parts are typically stable with capacitive loads greater
than 10nF and less than 50pF.
The LMV431, LMV431A and LMV431B provide performance
at a competitive price.
Features
n
Low Voltage Operation/Wide Adjust Range (1.24V/30V)
n
0.5% Initial Tolerance (LMV431B)
n
Temperature Compensated for Industrial Temperature
Range (39 PPM/˚C for the LMV431AI)
n
Low Operation Current (55µA)
n
Low Output Impedance (0.25
Ω)
n
Fast Turn-On Response
n
Low Cost
Applications
n
Shunt Regulator
n
Series Regulator
n
Current Source or Sink
n
Voltage Monitor
n
Error Amplifier
n
3V Off-Line Switching Regulator
n
Low Dropout N-Channel Series Regulator
Connection Diagrams
TO92: Plastic Package
10095801
Top View
SOT23-5
10095844
*Pin 1 is not internally connected.
*Pin 2 is internally connected to Anode pin. Pin 2 should be either floating
or connected to Anode pin.
Top View
SOT23-3
10095867
Top View
May 2005
© 2005 National Semiconductor Corporation
DS100958
www.national.com


Similar Part No. - LMV431IM5X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV431IM5X NSC-LMV431IM5X Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431IM5X TI1-LMV431IM5X Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431IM5X/NOPB TI1-LMV431IM5X/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
More results

Similar Description - LMV431IM5X

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432 HTC-TL432 Datasheet
165Kb / 5P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com