Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28412OXC Datasheet(PDF) 9 Page - SpectraLinear Inc

Part # CY28412OXC
Description  Clock Generator for Intel짰 Grantsdale Chipset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28412OXC Datasheet(HTML) 9 Page - SpectraLinear Inc

Back Button CY28412OXC Datasheet HTML 5Page - SpectraLinear Inc CY28412OXC Datasheet HTML 6Page - SpectraLinear Inc CY28412OXC Datasheet HTML 7Page - SpectraLinear Inc CY28412OXC Datasheet HTML 8Page - SpectraLinear Inc CY28412OXC Datasheet HTML 9Page - SpectraLinear Inc CY28412OXC Datasheet HTML 10Page - SpectraLinear Inc CY28412OXC Datasheet HTML 11Page - SpectraLinear Inc CY28412OXC Datasheet HTML 12Page - SpectraLinear Inc CY28412OXC Datasheet HTML 13Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CY28412
Rev 1.0, November 20, 2006
Page 9 of 16
PD Deassertion
The power-up latency is less than 1.8 ms. This is the time from
the deassertion of the PD pin or the ramping of the power
supply until the time that stable clocks are output from the
clock chip. All differential outputs stopped in a tristate condition
resulting from power down must be driven high in less than
300
s of PD deassertion to a voltage greater than 200 mV.
After the clock chip’s internal PLL is powered up and locked,
all outputs are enabled within a few clock cycles of each other.
XTAL
Ce2
Ce1
Cs1
Cs2
X1
X2
Ci1
Ci2
Clock Chip
Trace
2.8pF
Trim
33pF
Pin
3 to 6p
Figure 2. Crystal Loading Example
Figure 3. Power-down Assertion Timing Waveform
PD
USB, 48MHz
DOT96T
DOT96C
SRCT 100MHz
SRCC 100MHz
CPUT, 133MHz
PCI, 33 MHz
REF
CPUC, 133MHz


Similar Part No. - CY28412OXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28412OXC CYPRESS-CY28412OXC Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
CY28412OXCT CYPRESS-CY28412OXCT Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
More results

Similar Description - CY28412OXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28412 CYPRESS-CY28412 Datasheet
302Kb / 17P
   Clock Generator for Intel짰 Grantsdale Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com