Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM431BCM3X Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM431BCM3X
Description  Adjustable Precision Zener Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM431BCM3X Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM431BCM3X Datasheet HTML 1Page - National Semiconductor (TI) LM431BCM3X Datasheet HTML 2Page - National Semiconductor (TI) LM431BCM3X Datasheet HTML 3Page - National Semiconductor (TI) LM431BCM3X Datasheet HTML 4Page - National Semiconductor (TI) LM431BCM3X Datasheet HTML 5Page - National Semiconductor (TI) LM431BCM3X Datasheet HTML 6Page - National Semiconductor (TI) LM431BCM3X Datasheet HTML 7Page - National Semiconductor (TI) LM431BCM3X Datasheet HTML 8Page - National Semiconductor (TI) LM431BCM3X Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Temperature Range
Industrial (LM431xI)
−40˚C to +85˚C
Commercial (LM431xC)
0˚C to +70˚C
Soldering Information
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C (lead temp.)
Cathode Voltage
37V
Continuous Cathode Current
−10 mA to +150
mA
Reference Voltage
−0.5V
Reference Input Current
10 mA
Internal Power Dissipation (Notes 3,
4)
TO-92 Package
SO-8 Package
SOT-23 Package
0.78W
0.81W
0.28W
micro SMD Package
0.30W
Operating Conditions
Min
Max
Cathode Voltage
V
REF
37V
Cathode Current
1.0 mA
100 mA
LM431
Electrical Characteristics
T
A = 25˚C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
REF
Reference Voltage
V
Z =VREF,II = 10 mA
2.440
2.495
2.550
V
LM431A (Figure 1 )
V
Z =VREF,II = 10 mA
2.470
2.495
2.520
V
LM431B (Figure 1 )
V
Z =VREF,II = 10 mA
2.485
2.500
2.510
V
LM431C (Figure 1 )
V
DEV
Deviation of Reference Input Voltage Over
V
Z =VREF,II = 10 mA,
8.0
17
mV
Temperature (Note 5)
T
A = Full Range (Figure 1 )
Ratio of the Change in Reference Voltage
I
Z =10mA
V
Z from VREF to 10V
−1.4
−2.7
mV/V
to the Change in Cathode Voltage
(Figure 2 )V
Z from 10V to 36V
−1.0
−2.0
I
REF
Reference Input Current
R
1 =10k
Ω,R
2 = ,
2.0
4.0
µA
I
I =10mA (Figure 2 )
∝I
REF
Deviation of Reference Input Current over
R
1 =10k
Ω,R
2 = ,
Temperature
I
I = 10 mA,
0.4
1.2
µA
T
A = Full Range (Figure 2 )
I
Z(MIN)
Minimum Cathode Current for Regulation
V
Z =VREF (Figure 1 )
0.4
1.0
mA
I
Z(OFF)
Off-State Current
V
Z = 36V, VREF =0V (Figure *NO
TARGET FOR fi* )
0.3
1.0
µA
r
Z
Dynamic Output Impedance (Note 6)
V
Z =VREF, LM431A,
0.75
Frequency=0Hz (Figure 1 )
V
Z =VREF, LM431B, LM431C
0.50
Frequency=0Hz (Figure 1 )
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
beyond its rated operating conditions.
Note 3: TJ Max = 150˚C.
Note 4: Ratings apply to ambient temperature at 25˚C. Above this temperature, derate the TO-92 at 6.2 mW/˚C, the SO-8 at 6.5 mW/˚C, the SOT-23 at 2.2 mW/˚C
and the micro SMD at 3mW/˚C.
Note 5: Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference input voltage over the full temperature range.
www.national.com
4


Similar Part No. - LM431BCM3X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM431BCM3X TI1-LM431BCM3X Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
LM431BCM3X TI1-LM431BCM3X Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
LM431BCM3X/NOPB TI1-LM431BCM3X/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LM431 Adjustable Precision Zener Shunt Regulator
More results

Similar Description - LM431BCM3X

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com