Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28416OXCT Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY28416OXCT
Description  Next Generation FTG for Intel짰 Architecture
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28416OXCT Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button CY28416OXCT Datasheet HTML 4Page - SpectraLinear Inc CY28416OXCT Datasheet HTML 5Page - SpectraLinear Inc CY28416OXCT Datasheet HTML 6Page - SpectraLinear Inc CY28416OXCT Datasheet HTML 7Page - SpectraLinear Inc CY28416OXCT Datasheet HTML 8Page - SpectraLinear Inc CY28416OXCT Datasheet HTML 9Page - SpectraLinear Inc CY28416OXCT Datasheet HTML 10Page - SpectraLinear Inc CY28416OXCT Datasheet HTML 11Page - SpectraLinear Inc CY28416OXCT Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CY28416
Rev 1.0, November 22, 2006
Page 8 of 14
PD (Power-down) Clarification
The VTT_PWRGD# /PD pin is a dual-function pin. During
initial power-up, the pin functions as VTT_PWRGD#. Once
VTT_PWRGD# has been sampled LOW by the clock chip, the
pin assumes PD functionality. The PD pin is an asynchronous
active HIGH input used to shut off all clocks cleanly prior to
shutting off power to the device. This signal needs to be
synchronized internal to the device prior to powering down the
clock synthesizer. PD is also an asynchronous input for
powering up the system. When PD is asserted HIGH, all clocks
need to be driven to a LOW value and held prior to turning off
the VCOs and the crystal oscillator.
PD (Power-down) Assertion
When PD is sampled HIGH by two consecutive rising edges
of CPUC, all single-ended outputs must be held LOW on their
next HIGH-to-LOW transition and differential clocks must held
high or tri-stated (depending on the state of the control register
drive mode bit) on the next diff clock# HIGH-to-LOW transition.
When the SMBus PD drive mode bit corresponding to the
differential (CPU, SRC, and DOT) clock output of interest is
programmed to ‘0’, the clock output must be held with “Diff
clock” pin driven high at 2 x Iref, and “Diff clock#” tri-state. If
the control register PD drive mode bit corresponding to the
output of interest is programmed to “1”, then both the “Diff
clock” and the “Diff clock#” are tri-state. Note the example in
Figure 3 shows CPUT = 133 MHz and PD drive mode = ‘1’ for
all differential outputs. This diagram and description is appli-
cable to valid CPU frequencies 100, 133, 166, 200, 266, 333,
and 400 MHz. In the event that PD mode is desired as the
initial power-on state, PD must be asserted high in less than
10 s after asserting VTT_PWRGD#.
PD Deassertion
The power-up latency needs to be less than 1.8 ms. This is the
time from the deassertion of the PD pin or the ramping of the
power supply until the time that stable clocks are output from
the clock chip. All differential outputs stopped in a tri-state
condition resulting from power down must be driven high in
less than 300 s of PD deassertion to a voltage greater than
200 mV. After the clock chip’s internal PLL is powered up and
locked, all outputs are to be enabled within a few clock cycles
of each other. Figure 4 is an example showing the relationship
of clocks coming up. Unfortunately, we can not show all
possible combinations, designers need to insure that from the
first active clock output to the last takes no more than two full
PCI clock cycles.
Figure 3. Power-down Assertion Timing Waveform
PD
USB, 48MHz
DOT96T
DOT96C
SRCT 100MHz
SRCC 100MHz
CPUT, 133MHz
PCI, 33 MHz
REF
CPUC, 133MHz


Similar Part No. - CY28416OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28416OXCT CYPRESS-CY28416OXCT Datasheet
276Kb / 15P
   Next Generation FTG for Intel-R Architecture
More results

Similar Description - CY28416OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28416 CYPRESS-CY28416 Datasheet
276Kb / 15P
   Next Generation FTG for Intel-R Architecture
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
   Interworking Controller Next Generation
2003
logo
Cypress Semiconductor
CY28323 CYPRESS-CY28323 Datasheet
180Kb / 22P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28349B CYPRESS-CY28349B_05 Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349 SPECTRALINEAR-CY28349 Datasheet
233Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
List of Unclassifed Man...
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
   next generation power source
logo
SpectraLinear Inc
CY28323PVC SPECTRALINEAR-CY28323PVC Datasheet
235Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28324 SPECTRALINEAR-CY28324 Datasheet
207Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28349B SPECTRALINEAR-CY28349B Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com