Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK210 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SK210
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SK210 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SK210 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SK210 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Ratings at 25
oC ambient temperature unless otherwise specified
SK24 SK25
SK26
SK28 SK29 SK210
SK24 SK25
SK26
SK28 SK29 K210
Maximum repetitive peak reverse voltage
VRRM
40
50
60
80
90
100
V
Maximum RMS voltage
VRWS
28
35
42
56
63
70
V
Maximum DC blocking voltage
VDC
40
50
60
80
90
100
V
Maximum average forward rectified current at
TL=90
IF(AV)
A
Peak forward surge current 8.3ms single half-
sine-wave
IFSM
A
Maximum instantaneous forward voltage
at IFM=2.0A (NOTE1)
VF
V
Maximum DC reverse current
TJ=25
at rated DC blocking voltage
TJ=100
Operating temperature range
TJ
oC
Storage temperature range
TSTG
oC
UNITS
- 55 ---- +150
IR
NOTE: 1.Pulse test: Pulse width 300us,duty cycle 1 %
Maximum thermal resistance
oC/W
- 55 ---- +125
14
REVERSE VOLTAGE:
20 - 100 V
FORWARD CURRENT:
2.0 A
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
Low forward voltage
Schottky barrier rectifier
Guardring protection
20
21
0.50
0.5
20
m A
R JL
17
30
0.70
2.0
0.85
50
20
30
Case: SMB molded plastic body
1111
SK23
SK22
Device marking code
SK22
SK23
Polarity: Color band denotes cathode end
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mounting position: ANY
(DO-214AA)SMB
Weight: 0.003 ounces, 0.093 gram
MECHANICAL DATA
Reverse energy tested
High current capability
Extremely low thermal resistance
GALAXY ELECTRICAL
SK22---SK210
BL
www.galaxycn.com
Document Number 0281005
1.
BLGALAXYELECTRICAL
inch(mm)


Similar Part No. - SK210

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SK210 DGNJDZ-SK210 Datasheet
133Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Surge Components
SK210 SURGE-SK210 Datasheet
84Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes????
logo
Shenzhen Yixinwei Techn...
SK210 YIXIN-SK210 Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SK210 DIOTEC-SK210 Datasheet
100Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK210 DIOTEC-SK210 Datasheet
141Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - SK210

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com