Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28437ZXC Datasheet(PDF) 9 Page - SpectraLinear Inc

Part # CY28437ZXC
Description  Clock Generator for Intel Grantsdale Chipset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28437ZXC Datasheet(HTML) 9 Page - SpectraLinear Inc

Back Button CY28437ZXC Datasheet HTML 5Page - SpectraLinear Inc CY28437ZXC Datasheet HTML 6Page - SpectraLinear Inc CY28437ZXC Datasheet HTML 7Page - SpectraLinear Inc CY28437ZXC Datasheet HTML 8Page - SpectraLinear Inc CY28437ZXC Datasheet HTML 9Page - SpectraLinear Inc CY28437ZXC Datasheet HTML 10Page - SpectraLinear Inc CY28437ZXC Datasheet HTML 11Page - SpectraLinear Inc CY28437ZXC Datasheet HTML 12Page - SpectraLinear Inc CY28437ZXC Datasheet HTML 13Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CY28437
Rev 1.0, November 20, 2006
Page 9 of 22
0
0
WD_EN
Watchdog timer enable, when the bit is asserted, Watchdog timer is
triggered and time stamp of WD_Timer is loaded
0 = Disable, 1 = Enable
Byte 10: Control Register 10 (continued)
Bit
@Pup
Name
Description
Byte 11: Control Register 11
Bit
@Pup
Name
Description
7
0
CPU_DAF_N7
If Prog_CPU_EN is set, the values programmed in CPU_DAF_N[8:0] and
CPU_DAF_M[6:0] will be used to determine the CPU output frequency.
The setting of the FS_Override bit determines the frequency ratio for CPU
and other output clocks. When it is cleared, the same frequency ratio
stated in the Latched FS[E:A] register will be used. When it is set, the
frequency ratio stated in the FSEL[3:0] register will be used.
6
0
CPU_DAF_N6
5
0
CPU_DAF_N5
4
0
CPU_DAF_N4
3
0
CPU_DAF_N3
2
0
CPU_DAF_N2
1
0
CPU_DAF_N1
0
0
CPU_DAF_N0
Byte 12: Control Register 12
Bit
@Pup
Name
Description
7
0
CPU_DAF_N8
If Prog_CPU_EN is set, the values programmed is in CPU_FSEL_N[8:0]
and CPU_FSEL_M[6:0] will be used to determine the CPU output
frequency.
The setting of the FS_Override bit determines the frequency ratio for CPU
and other output clocks. When it is cleared, the same frequency ratio
stated in the Latched FS[E:A] register will be used. When it is set, the
frequency ratio stated in the FSEL[3:0] register will be used.
6
0
CPU_DAF_M6
5
0
CPU_DAF_M5
4
0
CPU_DAF_M4
3
0
CPU_DAF_M3
2
0
CPU_DAF_M2
1
0
CPU_DAF_M1
0
0
CPU_DAF_M0
Byte 13: Control Register 13
Bit
@Pup
Name
Description
7
0
SRC_N7
SRC Dial-A-Frequency Bit N7
6
0
SRC_N6
SRC Dial-A-Frequency Bit N6
5
0
SRC_N5
SRC Dial-A-Frequency Bit N5
4
0
SRC_N4
SRC Dial-A-Frequency Bit N4
3
0
SRC_N3
SRC Dial-A-Frequency Bit N3
2
0
SRC_N2
SRC Dial-A-Frequency Bit N2
1
0
SRC_N1
SRC Dial-A-Frequency Bit N1
0
0
SRC_N0
SRC Dial-A-Frequency Bit N0


Similar Part No. - CY28437ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28435OXC CYPRESS-CY28435OXC Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28435OXC SPECTRALINEAR-CY28435OXC Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28435OXCT CYPRESS-CY28435OXCT Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28437ZXC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com