Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4140CCMX-2.0 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4140CCMX-2.0
Description  High Precision Low Noise Low Dropout Voltage
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4140CCMX-2.0 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4140CCMX-2.0 Datasheet HTML 2Page - National Semiconductor (TI) LM4140CCMX-2.0 Datasheet HTML 3Page - National Semiconductor (TI) LM4140CCMX-2.0 Datasheet HTML 4Page - National Semiconductor (TI) LM4140CCMX-2.0 Datasheet HTML 5Page - National Semiconductor (TI) LM4140CCMX-2.0 Datasheet HTML 6Page - National Semiconductor (TI) LM4140CCMX-2.0 Datasheet HTML 7Page - National Semiconductor (TI) LM4140CCMX-2.0 Datasheet HTML 8Page - National Semiconductor (TI) LM4140CCMX-2.0 Datasheet HTML 9Page - National Semiconductor (TI) LM4140CCMX-2.0 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LM4140 Typical Performance Characteristics Unless otherwise specified, T
A = 25˚C, No Load,
COUT = 1µF, VIN = 3.0V for LM4140-1.024 and LM4140-1.250, and 5V for all other voltage options. VIN =VEN. (Continued)
Output Impedance
Power Supply Rejection Ratio
10107909
10107910
Dropout Voltage vs Load Current
Output Voltage Change vs Sink Current (I
SINK)
10107911
Note: 1.024V and 1.250V options require 1.8V supply.
10107912
www.national.com
6


Similar Part No. - LM4140CCMX-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140CCMX-2.0 NSC-LM4140CCMX-2.0 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
More results

Similar Description - LM4140CCMX-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
Nisshinbo Micro Devices...
RX5RZ NISSHINBO-RX5RZ Datasheet
716Kb / 20P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
ams AG
AS13986 AMSCO-AS13986 Datasheet
650Kb / 13P
   Dual Low-Noise, Low-Dropout Voltage Regulator
logo
RICOH electronics devic...
RX5RZ RICOH-RX5RZ Datasheet
552Kb / 19P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_V01 Datasheet
6Mb / 26P
   Low-Noise, High-Precision Series Voltage References
2020
MAX6070 MAXIM-MAX6070 Datasheet
2Mb / 24P
   Low-Noise, High-Precision Series Voltage References
Rev 2; 3/13
MAX6070 MAXIM-MAX6070_19 Datasheet
5Mb / 26P
   Low-Noise, High-Precision Series Voltage References
19-6355; Rev 12; 3/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com