Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK510C Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SK510C
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SK510C Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SK510C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SK510C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.5
0
50
Resistive or
inductive Load
P.C.B.MOUNTED ON
0.2X0.2(5.0X5.0mm)
COPPERPAD AREAS
5.0
60
70 80
90 100 110 120 130 140 150 160 170
TJ = 125
TJ = 25
0
20
40
60
80
100
120
140
.01
.05
.1
.5
10
1.0
5.0
TJ =25
Pulse width=300 s
1% duty Cycle
.1
.3
.5
.7
.9
1.1
1.3
1.5
1.7
1.9
2.1
.1
1
10
20
SK52C-SK54C
SK55C-SK56C
SK58C-SK510C
BLGALAXY ELECTRICAL
Document Number 0281009
2.
www.galaxycn.com
NUMBER OF CYCLES AT 60HZ
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
AMBIENT TEMPERATURE ℃
RATINGS AND CHARACTERISTIC CURVES
SK52C---SK510C
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2-- PEAK FORWARD SURGE CURRENT
0
1
100
10
8.3ms Single Half Sine Wave
TJ=125
30
60
90
120
150


Similar Part No. - SK510C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK510C TSC-SK510C Datasheet
287Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SK510C PACELEADER-SK510C Datasheet
331Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diotech Company.
SK510C DIOTECH-SK510C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SK510C TSC-SK510C Datasheet
136Kb / 2P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SK510C LUGUANG-SK510C Datasheet
204Kb / 2P
   5.0AMPS. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK510C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com