Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28442 Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY28442
Description  Clock Generator for Intel Alviso Chipset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28442 Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button CY28442 Datasheet HTML 4Page - SpectraLinear Inc CY28442 Datasheet HTML 5Page - SpectraLinear Inc CY28442 Datasheet HTML 6Page - SpectraLinear Inc CY28442 Datasheet HTML 7Page - SpectraLinear Inc CY28442 Datasheet HTML 8Page - SpectraLinear Inc CY28442 Datasheet HTML 9Page - SpectraLinear Inc CY28442 Datasheet HTML 10Page - SpectraLinear Inc CY28442 Datasheet HTML 11Page - SpectraLinear Inc CY28442 Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CY28442
Rev 1.0, November 21, 2006
Page 8 of 21
3
0
RESERVED
RESERVED
2
1
CLKREQ#A
SRC[T/C]4 CLKREQ#A control
1 = SRC[T/C]4 stoppable by CLKREQ#A pin
0 = SRC[T/C]4 not controlled by CLKREQ#A pin
1
0
CLKREQ#A
SRC[T/C]2 CLKREQ#A control
1 = SRC[T/C]2 stoppable by CLKREQ#A pin
0 = SRC[T/C]2 not controlled by CLKREQ#A pin
0
0
RESERVED
RESERVED
Byte 9: Control Register 9
Bit
@Pup
Name
Description
70
S3
96_100_SSC Spread Spectrum Selection table:
S[3:0] SS%
‘0000’ = -0.8%(Default value)
‘0001’ = -1.0%
‘0010‘ = -1.25%
‘0011‘ = -1.5%
‘0100‘ = -1.75%
‘0101‘ = -2.0%
‘0110‘ = -2.5%
‘0111‘ = -0.5%
‘1000‘ = ± 0.25%
‘1001‘ = ± 0.4%
‘1010‘ = ± 0.5%
‘1011‘ = ± 0.6%
‘1100‘ = ± 0.8%
‘1101‘ = ± 1.0%
‘1110‘ = ± 1.25%
‘1111‘ = ± 1.5%
60
S2
50
S1
40
S0
3
1
96_100 SEL
Software select 96_100_SSC output frequency , 0 = 96MHz , 1 = 100MHz.
2
1
96_100 Enable
96_100_SSC Enable , 0 = Disable , 1 = Enable.
1
1
96_100 SS Enable
96_100_SSC Spread spectrum enable. 0 = Disable , 1 = Enable.
0
0
96_100 SW HW
Select output frequency of 96_100_SSC via software or hardware
0 = Hardware, 1 = Software.
Byte 10: Control Register 10
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
0
CLKREQ#B
SRC[T/C]4 CLKREQ#B control
1 = SRC[T/C]4 stoppable by CLKREQ#B pin
0 = SRC[T/C]4not controlled by CLKREQ#B pin
5
0
CLKREQ#B
SRC[T/C]2 CLKREQ#B control
1 = SRC[T/C]2 stoppable by CLKREQ#B pin
0 = SRC[T/C]2 not controlled by CLKREQ#B pin
4
0
RESERVED
RESERVED
3
0
CLKREQ#A
SRC[T/C]7CLKREQ#A control
1 = SRC[T/C]7 stoppable by CLKREQ#A pin
0 = SRC[T/C]7 not controlled by CLKREQ#A pin
Byte 8: Control Register 8 (continued)
Bit
@Pup
Name
Description


Similar Part No. - CY28442

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
CY28442-2 CYPRESS-CY28442-2 Datasheet
300Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28442-2 SPECTRALINEAR-CY28442-2 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
logo
Silicon Laboratories
CY28442-2 SILABS-CY28442-2 Datasheet
1Mb / 20P
   Clock Generator for Intel짰Alviso Chipset
logo
Cypress Semiconductor
CY28442-2 CYPRESS-CY28442-2_05 Datasheet
290Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results

Similar Description - CY28442

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442-2 CYPRESS-CY28442-2 Datasheet
300Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28441 SPECTRALINEAR-CY28441 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28442-2 SPECTRALINEAR-CY28442-2 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28411-1 SPECTRALINEAR-CY28411-1 Datasheet
177Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28411 CYPRESS-CY28411 Datasheet
262Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28411-1 CYPRESS-CY28411-1 Datasheet
245Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28442-2 CYPRESS-CY28442-2_05 Datasheet
290Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com