Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W48C101-01 Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # W48C101-01
Description  Spread Spectrum BX System Frequency Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W48C101-01 Datasheet(HTML) 8 Page - SpectraLinear Inc

  W48C101-01 Datasheet HTML 1Page - SpectraLinear Inc W48C101-01 Datasheet HTML 2Page - SpectraLinear Inc W48C101-01 Datasheet HTML 3Page - SpectraLinear Inc W48C101-01 Datasheet HTML 4Page - SpectraLinear Inc W48C101-01 Datasheet HTML 5Page - SpectraLinear Inc W48C101-01 Datasheet HTML 6Page - SpectraLinear Inc W48C101-01 Datasheet HTML 7Page - SpectraLinear Inc W48C101-01 Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev 1.0, November 28, 2006
Page 8 of 8
W48C101-01
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any cir-
cuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for use in
normal commercial applications and is not warranted nor is it intended for use in life support, critical medical instruments, or any other applica-
tion requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to additional
processing by Spectra Linear Inc., and expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the right to change any
circuitry or specification without notice.
48-MHz Clock Outputs (Lump Capacitance Test Load = 20 pF = 66.6/100 MHz)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Determined by PLL divider ratio (see m/n below)
48.008
MHz
fD
Deviation from 48 MHz
(48.008 – 48)/48
+167
ppm
m/n
PLL Ratio
(14.31818 MHz x 57/17 = 48.008 MHz)
57/17
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
1
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
1
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization
from Power-up (cold start)
Assumes full supply voltage reached within 1 ms
from power-up. Short cycles exist prior to
frequency stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used
for determining series termination value.
25
Ordering Information
Ordering Code
Freq. Mask
Code
Package
Name
Package Type
W48C101
-01
H
48-pin SSOP (300 mils)
Package Diagram
48-Lead Shrunk Small Outline Package O48


Similar Part No. - W48C101-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48C101-01 CYPRESS-W48C101-01 Datasheet
112Kb / 8P
   Spread Spectrum BX System Frequency Generator
More results

Similar Description - W48C101-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48C101-01 CYPRESS-W48C101-01 Datasheet
112Kb / 8P
   Spread Spectrum BX System Frequency Generator
W164 CYPRESS-W164_02 Datasheet
142Kb / 12P
   Spread Spectrum Desktop/Notebook System Frequency Generator
W48S111-14 CYPRESS-W48S111-14 Datasheet
137Kb / 11P
   Spread Spectrum Desktop/Notebook System Frequency Generator
W164 CYPRESS-W164 Datasheet
137Kb / 11P
   Spread Spectrum Desktop/Notebook System Frequency Generator
logo
SpectraLinear Inc
W164 SPECTRALINEAR-W164 Datasheet
129Kb / 11P
   Spread Spectrum Desktop/Notebook System Frequency Generator
logo
Cypress Semiconductor
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W166 CYPRESS-W166 Datasheet
115Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W155 CYPRESS-W155 Datasheet
86Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-09 CYPRESS-W42C31-09 Datasheet
119Kb / 7P
   Spread Spectrum Frequency Timing Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com