Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZG03C24 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BZG03C24
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BZG03C24 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BZG03C24 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BZG03C24 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BZG03C24 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
◇ High reliability
◇ Voltage range 10 V to 270 V
◇ Fits onto 5 mm SMD footpads
◇ Wave and reflow solderable
MECHANICAL DATA
◇ Case:JEDEC DO-214AC(SMA)
◇ Terminals: Solderable per MIL-
STD-202,Method 208
◇ Polarity: Color band denotes cathods end
◇ Mounting position: any
Parameter
Power dissipation at T
A=100℃
Forward voltage @IF=500mA
Maximum thermal resistance
junction to ambient
Peak reverse power dissipation(non-repetitive)
tp=100
µs square wave
Junction temperature
Storage temperature range
Document Number 0284012
1.
Maximum Ratings and Thermal Characteristics
(TA=25℃ unless otherwise noted)
VF
1.2
W
Unit
Value
3.0
W
POWER DISSIPATION: 3.0 W
DO-214AC(SMA)
VZ :
10 -- 270 V
BL
GALAXY ELECTRICAL
BZG03C---SERIES
-65 to +150
TSTG
TJ
-65 to +150
Symbol
Ptot
ZENER DIODES
◇ Weight: 0.002 ounces, 0.064 grams
V
BLGALAXYELECTRICAL
K/W
RθJA
150
www.galaxycn.com
PZSM
600
Glass passivated junction
inch(mm)


Similar Part No. - BZG03C24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG03C24 VISHAY-BZG03C24 Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
logo
EPCOS
BZG03C24 EPCOS-BZG03C24 Datasheet
71Kb / 5P
   Zener Diodes
logo
Vishay Siliconix
BZG03C24 VISHAY-BZG03C24 Datasheet
178Kb / 6P
   Zener Diodes
Rev. 1.7, 15-Sep-05
BZG03C24 VISHAY-BZG03C24 Datasheet
81Kb / 5P
   Zener Diodes
Rev. 1.9, 29-Nov-11
BZG03C24 VISHAY-BZG03C24 Datasheet
83Kb / 5P
   Zener Diodes
Rev. 1.9, 29-Nov-11
More results

Similar Description - BZG03C24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com