Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W256H Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # W256H
Description  12 Output Buffer for 2 DDR and 3 SRAM DIMMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W256H Datasheet(HTML) 5 Page - SpectraLinear Inc

  W256H Datasheet HTML 1Page - SpectraLinear Inc W256H Datasheet HTML 2Page - SpectraLinear Inc W256H Datasheet HTML 3Page - SpectraLinear Inc W256H Datasheet HTML 4Page - SpectraLinear Inc W256H Datasheet HTML 5Page - SpectraLinear Inc W256H Datasheet HTML 6Page - SpectraLinear Inc W256H Datasheet HTML 7Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
W256
Rev 1.0, November 25, 2006
Page 5 of 7
t3d
DDR Rising Edge Rate[4]
Measured between 20% to 80% of
output (Refer to Figure 1)
0.5
1.50
V/ns
t4d
DDR Falling Edge Rate[4]
Measured between 20% to 80% of
output (Refer to Figure 1)
0.5
1.50
V/ns
t5
Output to Output Skew[4]
All outputs equally loaded
100
ps
t6
Output t4o Output Skew for
SDRAM[2]
All outputs equally loaded
150
ps
t7
SDRAM Buffer HH Prop. Delay[4] Input edge greater than 1 V/ns
5
10
ns
t8
SDRAM Buffer LLProp. Delay[4]
Input edge greater than 1 V/ns
5
10
ns
Switching Waveforms
Switching Characteristics[4]
Parameter
Name
Test Conditions
Min.
Typ.
Max.
Unit
Duty Cycle Timing
t1
t2
All Outputs Rise/Fall Time
OUTPUT
t3
3.3V
0V
0.4V
2.4V
2.4V
0.4V
t4
Output-Output Skew
t5
OUTPUT
OUTPUT
SDRAM Buffer HH and LL Propagation Delay
t6
INPUT
OUTPUT
t7
1.5V
1.5V
Notes:
4. All parameters specified with loaded outputs.
5. Duty cycle of input clock is 50%. Rising and falling edge rate is greater than 1V/ns.


Similar Part No. - W256H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W256H CYPRESS-W256H Datasheet
176Kb / 9P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
Silicon Laboratories
W256H SILABS-W256H Datasheet
277Kb / 8P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
Cypress Semiconductor
W256HT CYPRESS-W256HT Datasheet
176Kb / 9P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
Silicon Laboratories
W256HT SILABS-W256HT Datasheet
277Kb / 8P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
More results

Similar Description - W256H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W256 CYPRESS-W256 Datasheet
176Kb / 9P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
Silicon Laboratories
W256 SILABS-W256 Datasheet
277Kb / 8P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
PhaseLink Corporation
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
   DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
PLL103-03 PLL-PLL103-03 Datasheet
149Kb / 7P
   DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS
logo
Cypress Semiconductor
W255 CYPRESS-W255 Datasheet
255Kb / 10P
   200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
PhaseLink Corporation
PLL103-53 PLL-PLL103-53 Datasheet
148Kb / 7P
   DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com