Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W305B Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # W305B
Description  Frequency Controller with System Recovery for Intel Integrated Core Logic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W305B Datasheet(HTML) 7 Page - SpectraLinear Inc

Back Button W305B Datasheet HTML 3Page - SpectraLinear Inc W305B Datasheet HTML 4Page - SpectraLinear Inc W305B Datasheet HTML 5Page - SpectraLinear Inc W305B Datasheet HTML 6Page - SpectraLinear Inc W305B Datasheet HTML 7Page - SpectraLinear Inc W305B Datasheet HTML 8Page - SpectraLinear Inc W305B Datasheet HTML 9Page - SpectraLinear Inc W305B Datasheet HTML 10Page - SpectraLinear Inc W305B Datasheet HTML 11Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
W305B
Rev 1.0, November 20, 2006
Page 7 of 20
W305B Serial Configuration Map
The serial bits will be read by the clock driver in the following
order:
Byte 0 – Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 – Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte N – Bits 7, 6, 5, 4, 3, 2, 1, 0
All unused register bits (reserved and N/A) should be written
to a “0” level.
All register bits labeled “Initialize to 0” must be written to zero
during initialization.
29
Acknowledge from slave
30:37
Data byte from slave – 8 bits
38
Not Acknowledge
39
Stop
Table 4. Byte Read and Byte Write Protocol (continued)
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
Byte 0: Control Register 0
Bit
Pin#
Name
Default
Description
Bit 7
-
SEL4
0
See Table 5
Bit 6
-
SEL3
0
See Table 5
Bit 5
-
SEL2
0
See Table 5
Bit 4
-
SEL1
0
See Table 5
Bit 3
-
SEL0
0
See Table 5
Bit 2
-
Spread Select2
0
‘000’ = Normal (spread off)
‘001’ = Test Mode
‘010’ = Reserved
‘011’ = Three-Stated
‘100’ = –0.5%
‘101’ = ±0.5%
‘110’ = ±0.25%
‘111’ = ±0.38%
Bit 1
-
Spread Select1
0
Bit 0
-
Spread Select0
0
Byte 1: Control Register 1
Bit
Pin#
Name
Default
Description
Bit 7
23
Latched FS4 input
X
Latched FS[4:0] inputs. These bits are read only.
Bit 6
3
Latched FS3 input
X
Bit 5
13
Latched FS2 input
X
Bit 4
12
Latched FS1 input
X
Bit 3
11
Latched FS0 input
X
Bit 2
-
Reserved
0
Reserved
Bit 1
3
REF2X
1
(Active/Inactive)
Bit 0
-
Reserved
0
Reserved
Byte 2: Control Register 2
Bit
Pin#
Name
Default
Description
Bit 7
20
PCI7
1
(Active/Inactive)
Bit 6
19
PCI6
1
(Active/Inactive)
Bit 5
18
PCI5
1
(Active/Inactive)
Bit 4
16
PCI4
1
(Active/Inactive)


Similar Part No. - W305B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W305B CYPRESS-W305B Datasheet
247Kb / 21P
   Frequency Controller with System Recovery for Intel Integrated Core Logic
logo
Silicon Laboratories
W305B SILABS-W305B Datasheet
178Kb / 20P
   Frequency Controller with System Recovery for Intel짰 Integrated Core Logic
logo
Cypress Semiconductor
W305BH CYPRESS-W305BH Datasheet
247Kb / 21P
   Frequency Controller with System Recovery for Intel Integrated Core Logic
logo
Silicon Laboratories
W305BH SILABS-W305BH Datasheet
178Kb / 20P
   Frequency Controller with System Recovery for Intel짰 Integrated Core Logic
logo
Cypress Semiconductor
W305BHH CYPRESS-W305BHH Datasheet
247Kb / 21P
   Frequency Controller with System Recovery for Intel Integrated Core Logic
More results

Similar Description - W305B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W305B CYPRESS-W305B Datasheet
247Kb / 21P
   Frequency Controller with System Recovery for Intel Integrated Core Logic
logo
Silicon Laboratories
W305B SILABS-W305B Datasheet
178Kb / 20P
   Frequency Controller with System Recovery for Intel짰 Integrated Core Logic
logo
Cypress Semiconductor
W147G CYPRESS-W147G Datasheet
140Kb / 12P
   Frequency Generator for Integrated Core Logic
W195B CYPRESS-W195B Datasheet
141Kb / 13P
   Frequency Generator for Integrated Core Logic
W48C111-16 CYPRESS-W48C111-16 Datasheet
115Kb / 7P
   Frequency Generator for Integrated Core Logic
logo
SpectraLinear Inc
W209C SPECTRALINEAR-W209C Datasheet
228Kb / 15P
   Frequency Generator for Integrated Core Logic with 133MHz FSB
W219B SPECTRALINEAR-W219B Datasheet
232Kb / 14P
   Frequency Generator for Integrated Core Logic with 133MHz FSB
logo
Cypress Semiconductor
W219B CYPRESS-W219B Datasheet
175Kb / 15P
   Frequency Generator for Integrated Core Logic with 133-MHz FSB
W209C CYPRESS-W209C Datasheet
179Kb / 16P
   Frequency Generator for Integrated Core Logic with 133-MHz FSB
W209CH CYPRESS-W209CH Datasheet
172Kb / 16P
   Frequency Generator for Integrated Core Logic with 133-MHz FSB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com