Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6287 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6287
Description  POWER COMBO DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6287 Datasheet(HTML) 7 Page - STMicroelectronics

  L6287 Datasheet HTML 1Page - STMicroelectronics L6287 Datasheet HTML 2Page - STMicroelectronics L6287 Datasheet HTML 3Page - STMicroelectronics L6287 Datasheet HTML 4Page - STMicroelectronics L6287 Datasheet HTML 5Page - STMicroelectronics L6287 Datasheet HTML 6Page - STMicroelectronics L6287 Datasheet HTML 7Page - STMicroelectronics L6287 Datasheet HTML 8Page - STMicroelectronics L6287 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued.)
LOGIC LEVELS FOR DIGITAL INPUTS (CPWM,CDIR,DPWM,FSTART,LPWM,LDIR)
A pull up resistor Ri is connected between the CDIR,FSTART,LPWM,LDIR inputs pads; CPWM and DPWM
are left unconnected.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vil
Input Low Voltage
0.8
V
Vih
Input High Voltage
2
V
Ri
Pull Up Resistor
3.5
10.5
Kohm
TIME OUT STAGE
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Icto
Time Out Output Current
(Note 1)
5
20
uA
Note 1: The suggested external capacitor value is Cto =1
µF(±20% max) for fSTART = 20KHz.
Figure 1: Optocircuit Open Loop OC Voltage.
L6287
7/9


Similar Part No. - L6287

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6287 HAMAMATSU-L6287 Datasheet
127Kb / 2P
   Miniature LED
More results

Similar Description - L6287

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SABRE-LL-I STMICROELECTRONICS-SABRE-LL-I_07 Datasheet
1Mb / 141P
   Combo motor driver
SABRE-LL-I STMICROELECTRONICS-SABRE-LL-I Datasheet
152Kb / 8P
   Combo motor driver
logo
Hitachi Semiconductor
HA13631T HITACHI-HA13631T Datasheet
86Kb / 20P
   CD-ROM Combo Driver
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13568AT HITACHI-HA13568AT Datasheet
97Kb / 22P
   CD-ROM Combo Driver
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
   Combo (Spindle & VCM) Driver
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
   Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
   4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
logo
Rohm
BD7907FS ROHM-BD7907FS Datasheet
207Kb / 3P
   6-channel Combo driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com