Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W320-03 Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # W320-03
Description  200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W320-03 Datasheet(HTML) 2 Page - SpectraLinear Inc

  W320-03 Datasheet HTML 1Page - SpectraLinear Inc W320-03 Datasheet HTML 2Page - SpectraLinear Inc W320-03 Datasheet HTML 3Page - SpectraLinear Inc W320-03 Datasheet HTML 4Page - SpectraLinear Inc W320-03 Datasheet HTML 5Page - SpectraLinear Inc W320-03 Datasheet HTML 6Page - SpectraLinear Inc W320-03 Datasheet HTML 7Page - SpectraLinear Inc W320-03 Datasheet HTML 8Page - SpectraLinear Inc W320-03 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
W320-03
Rev 1.0, November 25, 2006
Page 2 of 16
Pin Summary
Name
Pins
Description
REF
56
3.3V 14.318 MHz clock output
XTAL_IN
2
14.318 MHz crystal input
XTAL_OUT
3
14.318 MHz crystal input
CPU, CPU# [0:2]
44, 45, 48, 49, 51,
52
Differential CPU clock outputs
3V66_0
33
3.3V 66 MHz clock output
3V66_1/VCH
35
3.3V selectable through SMBus to be 66 MHz or 48 MHz
66IN/3V66_5
24
66 MHz input to buffered 66BUFF and PCI or 66 MHz clock from internal VCO
66BUFF [2:0] /3V66
[4:2]
21, 22, 23
66 MHz buffered outputs from 66Input or 66 MHz clocks from internal VCO
PCI_F [0:2]
5, 6, 7,
33 MHz clocks divided down from 66Input or divided down from 3V66
PCI [0:6]
10, 11, 12, 13, 16,
17, 18
PCI clock outputs divided down from 66Input or divided down from 3V66
USB
39
Fixed 48 MHz clock output
DOT
38
Fixed 48 MHz clock output
S2
40
Special 3.3V 3 level input for Mode selection
S1, S0
54, 55
3.3V LVTTL inputs for CPU frequency selection
IREF
42
A precision resistor is attached to this pin which is connected to the internal
current reference
MULT0
43
3.3V LVTTL input for selecting the current multiplier for the CPU outputs
PWR_DWN#
25
3.3V LVTTL input for Power_Down# (active LOW)
PCI_STOP#
34
3.3V LVTTL input for PCI_STOP# (active LOW)
CPU_STOP#
53
3.3V LVTTL input for CPU_STOP# (active LOW)
PWRGD#
28
3.3V LVTTL input is a level sensitive strobe used to determine when S[2:0] and
MULTI0 inputs are valid and OK to be sampled (Active LOW). Once PWRGD#
is sampled LOW, the status of this output will be ignored.
SDATA
29
SMBus compatible SDATA
SCLK
30
SMBus compatible Sclk
VDD_REF, VDD_PCI,
VDD_3V66,
VDD_CPU
1, 8, 14, 19, 32, 46,
50
3.3V power supply for outputs
VDD_48 MHz
37
3.3V power supply for 48 MHz
VDD_CORE
26
3.3V power supply for PLL
GND_REF, GND_PCI,
GND_3V66,
GND_IREF,
VDD_CPU
4, 9, 15, 20, 31, 36,
41, 47
Ground for outputs
GND_CORE
27
Ground for PLL


Similar Part No. - W320-03

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-03 CYPRESS-W320-03 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03H CYPRESS-W320-03H Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
W320-03H SILABS-W320-03H Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results

Similar Description - W320-03

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04H CYPRESS-W320-04H Datasheet
264Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04 CYPRESS-W320-04 Datasheet
261Kb / 17P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-04 SPECTRALINEAR-W320-04 Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com