Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG411 Datasheet(PDF) 5 Page - Intersil Corporation

Part # DG411
Description  Monolithic Quad SPST, CMOS Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG411 Datasheet(HTML) 5 Page - Intersil Corporation

  DG411 Datasheet HTML 1Page - Intersil Corporation DG411 Datasheet HTML 2Page - Intersil Corporation DG411 Datasheet HTML 3Page - Intersil Corporation DG411 Datasheet HTML 4Page - Intersil Corporation DG411 Datasheet HTML 5Page - Intersil Corporation DG411 Datasheet HTML 6Page - Intersil Corporation DG411 Datasheet HTML 7Page - Intersil Corporation DG411 Datasheet HTML 8Page - Intersil Corporation DG411 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN3282.13
June 20, 2007
Source OFF Leakage Current,
IS(OFF)
V+ = 16.5V, V- = -16.5V, VD = ±15.5V, VS = 15.5V
25
-0.25
±0.1
0.25
nA
Full
-5
-
+5
nA
Drain OFF Leakage Current,
ID(OFF)
25
-0.25
±0.1
0.25
nA
Full
-5
-
+5
nA
Channel ON Leakage Current,
ID(ON) + IS(ON)
V+ = 16.5V, V- = -16.5V, VS = VD = ±15.5V
25
-0.4
±0.1
0.4
nA
Full
-10
-
+10
nA
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 16.5V, V- = -16.5V, VIN = 0V or 5V
25
-
0.0001
1
μA
85
-
-
5
μA
Negative Supply Current, I-
25
-1
-0.0001
-
μA
85
-5
-
-
μA
Logic Supply Current, IL
25
-
0.0001
1
μA
85
-
-
5
μA
Ground Current, IGND
25
-1
-0.0001
-
μA
85
-5
-
-
μA
Electrical Specifications
(Single Supply) Test Conditions: V+ = +12V, V- = 0V, VL = 5V, VIN = 2.4V, 0.8V (Note 3),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 4)
TYP
(Note 5)
MAX
(Note 4)
UNITS
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
RL = 300Ω, CL = 35pF,
VS = 8V, (Figure 1)
25
-
175
250
ns
85
-
-
315
ns
Turn-OFF Time, tOFF
25
-
95
125
ns
85
-
-
140
ns
Break-Before-Make Time Delay
DG413 Only, RL = 300Ω,
CL = 35pF, VS = 8V
25
-
25
-
ns
Charge Injection, Q
CL = 10nF, VG = 6.0V, RG = 0Ω
25
-
25
-
pC
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
12
V
Drain-Source ON-Resistance,
rDS(ON)
IS = -10mA, VD = 3V, 8V
V+ = 10.8V
25
-
40
80
Ω
Full
-
-
100
Ω
Electrical Specifications
Test Conditions: V+ = +15V, V- = -15V, VL = 5V, VIN = 2.4V, 0.8V (Note 3),
Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 4)
TYP
(Note 5)
MAX
(Note 4)
UNITS
DG411, DG412, DG413


Similar Part No. - DG411

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG411 INTERSIL-DG411 Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG411 VISHAY-DG411 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
logo
Maxim Integrated Produc...
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
More results

Similar Description - DG411

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com