Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2125CSZ-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL2125CSZ-T7
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2125CSZ-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL2125CSZ-T7 Datasheet HTML 4Page - Intersil Corporation EL2125CSZ-T7 Datasheet HTML 5Page - Intersil Corporation EL2125CSZ-T7 Datasheet HTML 6Page - Intersil Corporation EL2125CSZ-T7 Datasheet HTML 7Page - Intersil Corporation EL2125CSZ-T7 Datasheet HTML 8Page - Intersil Corporation EL2125CSZ-T7 Datasheet HTML 9Page - Intersil Corporation EL2125CSZ-T7 Datasheet HTML 10Page - Intersil Corporation EL2125CSZ-T7 Datasheet HTML 11Page - Intersil Corporation EL2125CSZ-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN7045.3
May 4, 2007
FIGURE 23. 1MHz HARMONIC DISTORTION vs OUTPUT
SWING
FIGURE 24. 1MHz HARMONIC DISTORTION vs OUTPUT
SWING
FIGURE 25. TOTAL HARMONIC DISTORTION vs FREQUENCY
FIGURE 26. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 27. SETTLING TIME vs ACCURACY
FIGURE 28. GROUP DELAY
Typical Performance Curves (Continued)
-40
-50
-60
-70
-90
-100
-110
06
7
VOUT (VPP)
45
23
1
-80
VS = ±5V
RF = 180Ω
AV = 10
RL = 500Ω
2ND HD
3RD HD
-30
-40
-60
-80
-90
-100
-110
05
25
VOUT (VPP)
VS = ±15V
RF = 180Ω
AV = 10
RL = 500Ω
10
15
20
-50
-70
2ND HD
3RD HD
-30
-60
-80
-90
1K
10K
100M
FREQUENCY (Hz)
VS = ±5V
VO = 2VPP
AV = 10
RF = 180Ω
RL = 500Ω
100K
1M
10M
-40
-50
-70
100
10
1
0.1
10
100
1K
10K
100K
FREQUENCY (Hz)
IN, VS = ±5V
IN, VS = ±15V
VN, VS = ±5V
VN, VS = ±15V
60
50
40
30
20
10
0
0.1
1
10
ACCURACY (%)
VS = ±15V
VO = 5VPP
VS = ±5V
VO = 5VPP
VS = ±15V
VO = 2VPP
VS = ±5V
VO = 2VPP
-6
14
1
400
FREQUENCY (MHz)
2
10
6
-2
10
100
AV = 20
AV = 10
VS = ±15V
EL2125


Similar Part No. - EL2125CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2125CSZ-T7 INTERSIL-EL2125CSZ-T7 Datasheet
401Kb / 15P
   Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Renesas Technology Corp
EL2125CSZ-T7 RENESAS-EL2125CSZ-T7 Datasheet
852Kb / 16P
   Ultra-Low Noise, Low Power, Wideband Amplifier
More results

Similar Description - EL2125CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2125 INTERSIL-EL2125 Datasheet
401Kb / 15P
   Ultra-Low Noise, Low Power, Wideband Amplifier
EL2126_0705 INTERSIL-EL2126_0705 Datasheet
345Kb / 19P
   Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Elantec Semiconductor
EL2125C ELANTEC-EL2125C Datasheet
283Kb / 10P
   Ultra-low Noise, Low Power, Wideband Amplifier
logo
Renesas Technology Corp
EL2125 RENESAS-EL2125 Datasheet
852Kb / 16P
   Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Intersil Corporation
EL2126 INTERSIL-EL2126_07 Datasheet
339Kb / 19P
   Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Elantec Semiconductor
EL2126C ELANTEC-EL2126C Datasheet
280Kb / 11P
   Ultra-low Noise, Low Power, Wideband Amplifier
logo
Renesas Technology Corp
EL2126 RENESAS-EL2126 Datasheet
861Kb / 19P
   Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Intersil Corporation
EL2126 INTERSIL-EL2126 Datasheet
275Kb / 15P
   Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Texas Instruments
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
logo
NEC
UPC4574 NEC-UPC4574 Datasheet
300Kb / 10P
   QUAD ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com