Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5363B Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N5363B
Description  ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N5363B Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  1N5363B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N5363B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N5363B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 1N5363B Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited 1N5363B Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2
10
.2
.001
.01
5
.1
20
100
.5
5
20
.5
1
50
10
1
.005
.05
D=0
D=0.01
D=0.05
D=0.1
D=0.2
D=0.5
FIG.1 --FORWARD DERATING CURVE
NUMBER OF CYCLES AT 60 Hz
FIG.2 -- TEMPERATURE COEFFICIENT RANGE
FIG.3 -- TYPICAL THERMAL RESISTANCE
FIG.4 -- MAXIMUM NON-REPETITIVE SURGE CURRENT
L/LEAD LENGTH TO HEAT SINK(INCH)
RATINGS AND CHARACTERISTIC CURVES
1N5333B---1N5388B
AMBIENT TEMPERATURE,
Vz,ZENER VOLTACE @IZT(VOLTS)
TIME SECONDS
FIG.5 -- TYPICAL THERMAL RESPONSE
40
.1
28
40
1
10
4
5
10
20
30
60
80
100 200
.2
.4
2
4
20
30
10
20
0
0.2
.4
40
.6
.8
1
200
100
50
10
20
5
0
20
160
40
80
120
200
300
60
100
140
180
220
240
RANGE
8
2
6
0
020
60
40
100 120
140
80
160 180
200
4
L-LEAD LENGTH
TO HEAT SINK
BLGALAXY ELECTRICAL
Document Number 0284007
4.
www.galaxycn.com


Similar Part No. - 1N5363B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5363B MICROSEMI-1N5363B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Motorola, Inc
1N5363B MOTOROLA-1N5363B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Shenzhen Luguang Electr...
1N5363B LUGUANG-1N5363B Datasheet
2Mb / 5P
   Zener Diodes
logo
Semikron International
1N5363B SEMIKRON-1N5363B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Pan Jit International I...
1N5363B PANJIT-1N5363B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5363B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com