Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1516ISZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL1516ISZ
Description  Dual Ultra Low Noise Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1516ISZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL1516ISZ Datasheet HTML 1Page - Intersil Corporation EL1516ISZ Datasheet HTML 2Page - Intersil Corporation EL1516ISZ Datasheet HTML 3Page - Intersil Corporation EL1516ISZ Datasheet HTML 4Page - Intersil Corporation EL1516ISZ Datasheet HTML 5Page - Intersil Corporation EL1516ISZ Datasheet HTML 6Page - Intersil Corporation EL1516ISZ Datasheet HTML 7Page - Intersil Corporation EL1516ISZ Datasheet HTML 8Page - Intersil Corporation EL1516ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
FN7328.2
May 3, 2007
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . . .14V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.3V, VS +0.3V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 40mA
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = +2.5V, VS- = -2.5V, RL = 500Ω and CL = 3pF to 0V, RF = RG = 620Ω, VCM = 0V, and TA = +25°C,
Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
-0.2
+3
mV
TCVOS
Average Offset Voltage Drift
-0.3
µV/°C
IB
Input Bias Current
VCM = 0V
6.5
9
µA
IOS
Input Offset Current
50
500
nA
RIN
Input Impedance
2M
Ω
CIN
Input Capacitance
1.6
pF
CMIR
Common-Mode Input Range
-1.3
+1.7
V
CMRR
Common-Mode Rejection Ratio
for VIN from -4.7V to 5.4V
85
105
dB
AVOL
Open-Loop Gain
VO = ±1.25V
70
75
dB
en
Voltage Noise
f = 100kHz
1.24
nV/
√Hz
in
Current Noise
f = 100kHz
1.5
pA/
√Hz
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
RL = 500Ω
1.45
1.35
V
RL = 150Ω
1.37
1.25
V
VOH
Output Swing High
RL = 500Ω
1.5
1.6
V
RL = 150Ω
1.4
1.5
V
ISC
Short Circuit Current
RL = 10Ω
60
75
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±5.4V to ±6.6V
75
80
dB
IS ON
Supply Current Enable (Per Amplifier)
No load
5.7
7
mA
IS OFF
Supply Current Disable (Per Amplifier)
(EL1516A)
I+ (DIS)
2
20
µA
I- (DIS)
-21
-16
µA
TC IS
IS Temperature Coefficient
32
µA/°C
VS
Operating Range
512
V
DYNAMIC PERFORMANCE
SR
Slew Rate
VO = ±1.25V square wave, measured 25% to 75%
80
110
V/µs
TC SR
SR Temperature Coefficient
0.5
V/µs/°C
tS
Settling to 0.1% (AV = +2)
AV = +2, VO = ±1V
25
ns
BW1
-3dB Bandwidth
AV = -1, RF = 100Ω
320
MHz
BW2
-3dB Bandwidth
AV = +2, RF = 100Ω
200
MHz
EL1516, EL1516A


Similar Part No. - EL1516ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516ISZ INTERSIL-EL1516ISZ Datasheet
596Kb / 16P
   Dual Ultra Low Noise Amplifier
EL1516ISZ INTERSIL-EL1516ISZ Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516ISZ RENESAS-EL1516ISZ Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Intersil Corporation
EL1516ISZ-T13 INTERSIL-EL1516ISZ-T13 Datasheet
596Kb / 16P
   Dual Ultra Low Noise Amplifier
EL1516ISZ-T13 INTERSIL-EL1516ISZ-T13 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
More results

Similar Description - EL1516ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516 INTERSIL-EL1516 Datasheet
596Kb / 16P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516 RENESAS-EL1516 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Exar Corporation
CLC1002 EXAR-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1002 CADEKA-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com